Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C750E Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C750E
Description  TL16C750E UART with 128-Byte FIFO
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C750E Datasheet(HTML) 22 Page - Texas Instruments

Back Button TL16C750E Datasheet HTML 18Page - Texas Instruments TL16C750E Datasheet HTML 19Page - Texas Instruments TL16C750E Datasheet HTML 20Page - Texas Instruments TL16C750E Datasheet HTML 21Page - Texas Instruments TL16C750E Datasheet HTML 22Page - Texas Instruments TL16C750E Datasheet HTML 23Page - Texas Instruments TL16C750E Datasheet HTML 24Page - Texas Instruments TL16C750E Datasheet HTML 25Page - Texas Instruments TL16C750E Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
Serial to
Parallel
Flow
Control
Parallel to
Serial
Flow
Control
RX
FIFO
TX
FIFO
Parallel to
Serial
Flow
Control
Serial to
Parallel
Flow
Control
TX
FIFO
RX
FIFO
D7 – D0
UART 1
UART 2
RX
RTS
TX
CTS
TX
CTS
RX
RTS
D7 – D0
TX
CTS
Start
Byte 0–7
Stop
Start
Byte 0–7
Stop
22
TL16C750E
SLLSF10 – DECEMBER 2019
www.ti.com
Product Folder Links: TL16C750E
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
A.
When CTS is low, the transmitter keeps sending serial data out.
B.
When CTS goes high before the middle of the last stop bit of the current byte, the transmitter finishes sending the
current byte, but it does not send the next byte.
C.
When CTS goes from high to low, the transmitter begins sending data again.
Figure 21. CTS Functional Timing
Figure 22. Autoflow Control (Auto-RTS and Auto-CTS) Example
9.3.6 Software Flow Control
Software flow control is enabled through the enhanced feature register and the modem control register. Different
combinations of software flow control can be enabled by setting different combinations of EFR[3
−0]. Table 1
shows software flow control options.
Two other enhanced features relate to software flow control:
Xon Any Function [MCR(5): Operation resumes after receiving any character after recognizing the Xoff
character.
Special Character [EFR(5)]: Incoming data is compared to Xoff2. Detection of the special character sets the
Xoff interrupt [IIR(4)] but does not halt transmission. The Xoff interrupt is cleared by a read of the IIR. The
special character is transferred to the RX FIFO.
NOTE
It is possible for an Xon1 character to be recognized as an Xon Any character, which
could cause an Xon2 character to be written to the RX FIFO.


Similar Part No. - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FN TI-TL16C750FN Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FNR TI-TL16C750FNR Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750IPM TI-TL16C750IPM Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750PM TI-TL16C750PM Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
More results

Similar Description - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com