Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C750E Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C750E
Description  TL16C750E UART with 128-Byte FIFO
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C750E Datasheet(HTML) 21 Page - Texas Instruments

Back Button TL16C750E Datasheet HTML 17Page - Texas Instruments TL16C750E Datasheet HTML 18Page - Texas Instruments TL16C750E Datasheet HTML 19Page - Texas Instruments TL16C750E Datasheet HTML 20Page - Texas Instruments TL16C750E Datasheet HTML 21Page - Texas Instruments TL16C750E Datasheet HTML 22Page - Texas Instruments TL16C750E Datasheet HTML 23Page - Texas Instruments TL16C750E Datasheet HTML 24Page - Texas Instruments TL16C750E Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
Byte N+1
Byte N
Start
Stop
Start
Start
Stop
RX
RTS
IOR
1
2
N
N+1
21
TL16C750E
www.ti.com
SLLSF10 – DECEMBER 2019
Product Folder Links: TL16C750E
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
NOTE
When writing data into the transmit FIFO, the transmission starts immediately, which shifts
the first element out of the FIFO. Depending on the speed of the processor, it may be
possible to get a pulse on the TXRDY pin, since the level falls below the trigger threshold.
9.3.3 Hardware Flow Control
Hardware flow control is composed of auto-CTS and auto-RTS. Auto-CTS and auto-RTS can be enabled or
disabled independently by programming EFR[7:6].
With auto-CTS, CTS must be active before the UART can transmit data. Auto-RTS only activates the RTS output
when there is enough room in the FIFO to receive data and deactivates the RTS output when the RX FIFO is
sufficiently full. The HALT and RESTORE trigger levels in the TCR determine the levels at which RTS is
activated or deactivated. If both auto-CTS and auto-RTS are enabled, when RTS is connected to CTS, data
transmission does not occur unless the receiver FIFO has empty space. Thus, overrun errors are eliminated
during hardware flow control. If not enabled, overrun errors occur if the transmit data rate exceeds the receive
FIFO servicing latency.
9.3.4 Auto-RTS
Auto-RTS data flow control originates in the receiver block (see Figure 18). Figure 20 shows RTS functional
timing. The receiver FIFO trigger levels used in Auto-RTS are stored in the TCR. RTS is active if the RX FIFO
level is below the HALT trigger level in TCR[3:0]. When the receiver FIFO HALT trigger level is reached, RTS is
deasserted. The sending device (for example, another UART) may send an additional byte after the trigger level
is reached (assuming the sending UART has another byte to send) because it may not recognize the deassertion
of RTS until it has begun sending the additional byte. RTS is automatically reasserted once the receiver FIFO
reaches the RESUME trigger level programmed via TCR[7:4]. This reassertion allows the sending device to
resume transmission.
A.
N = receiver FIFO trigger level B.
B.
The two blocks in dashed lines cover the case where an additional byte is sent as described in Auto-RTS.
Figure 20. RTS Functional Timing
9.3.5 Auto-CTS
The transmitter circuitry checks CTS before sending the next data byte. When CTS is active, the transmitter
sends the next byte. To stop the transmitter from sending the following byte, CTS must be deasserted before the
middle of the last stop bit that is currently being sent. The auto-CTS function reduces interrupts to the host
system. When flow control is enabled, the CTS state changes and need not trigger host interrupts because the
device automatically controls its own transmitter. Without auto-CTS, the transmitter sends any data present in the
transmit FIFO and a receiver overrun error can result. Figure 21 shows CTS functional timing, and Figure 22
shows an example of autoflow control.


Similar Part No. - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FN TI-TL16C750FN Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FNR TI-TL16C750FNR Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750IPM TI-TL16C750IPM Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750PM TI-TL16C750PM Datasheet
511Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
More results

Similar Description - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com