Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C750E Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C750E
Description  TL16C750E UART with 128-Byte FIFO
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C750E Datasheet(HTML) 20 Page - Texas Instruments

Back Button TL16C750E Datasheet HTML 16Page - Texas Instruments TL16C750E Datasheet HTML 17Page - Texas Instruments TL16C750E Datasheet HTML 18Page - Texas Instruments TL16C750E Datasheet HTML 19Page - Texas Instruments TL16C750E Datasheet HTML 20Page - Texas Instruments TL16C750E Datasheet HTML 21Page - Texas Instruments TL16C750E Datasheet HTML 22Page - Texas Instruments TL16C750E Datasheet HTML 23Page - Texas Instruments TL16C750E Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
Modem Control Signals
Control Signals
Status Signals
Divisor
Control Signals
Status Signals
Control
and
Status Block
Fractional
Baud-Rate
Generator
Receiver Block
Logic
Vote
Logic
IrDA
RX
Int_Rx
RX
IrDA
TX
Int_Tx
TX
Transmitter Block
Logic
128-Byte
Receiver FIFO
128-Byte
Transmitter FIFO
UART_CLK
Bus
Interface
20
TL16C750E
SLLSF10 – DECEMBER 2019
www.ti.com
Product Folder Links: TL16C750E
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Functional Block Diagrams (continued)
NOTE: The vote logic determines whether the RX data is a logic 1 or 0. It takes three samples of the RX line and uses a
majority vote to determine the logic level received. The vote logic operates on all bits received.
Figure 19. TL16C750E Functional Block Diagram – Control Blocks
9.3 Feature Description
9.3.1 UART Modes
The TL16C750E UART can be placed in an alternate mode (FIFO mode) relieving the processor of excessive
software overhead by buffering received and transmitted characters.
The TL16C750E UART has selectable hardware flow control and software flow control. Both schemes
significantly reduce software overhead and increase system efficiency by automatically controlling serial data
flow. Hardware flow control uses the RTS output and CTS input signals. Software flow control uses
programmable Xon and Xoff characters.
9.3.2 Trigger Levels
The TL16C750E UART provides independent selectable and programmable trigger levels for both receiver and
transmitter DMA and interrupt generation. After reset, both transmitter and receiver FIFOs are disabled and so, in
effect, the trigger level is the default value of one byte. The selectable trigger levels are available through the
FCR. The programmable trigger levels are available through the TLR.
Both the receiver and transmitter FIFOs can store up to 128 bytes (including three additional bits of error status
per byte for the receiver FIFO) and have selectable or programmable trigger levels. Primary outputs RXRDY and
TXRDY allow signaling of DMA transfers.


Similar Part No. - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FN TI-TL16C750FN Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750FNR TI-TL16C750FNR Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750IPM TI-TL16C750IPM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C750PM TI-TL16C750PM Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
More results

Similar Description - TL16C750E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com