Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9755701HPA Datasheet(PDF) 16 Page - Agilent(Hewlett-Packard)

Part # 5962-9755701HPA
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-9755701HPA Datasheet(HTML) 16 Page - Agilent(Hewlett-Packard)

Back Button 5962-9755701HPA Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 13Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 14Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 15Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
MIL-PRF-38534 Class H and
DSCC SMD Test Program
Agilent Technologies’ Hi-Rel
Optocouplers are in compliance
with MIL-PRF-38534 Class H.
Class H devices are also in
compliance with DSCC drawing
5962-97557.
Testing consists of 100%
screening and quality
conformance inspection to
MIL-PRF-38534.
Table 1. Current Shunt Summary.
Maximum
Maximum
Maximum
Shunt
Power
Average
Horsepower
Shunt Resistor Part Number
Resistance
Dissipation
Current
Range
LVR-3.05-1%
50 m
3 W
3 A
0.8 to 3.0 hp
LVR-3.02-1%
20 m
3 W
8 A
2.2 to 8.0 hp
LVR-3.01-1%
10 m
3 W
15 A
4.1 to 15 hp
LVR-5.005-1%
5 m
5 W
35 A
9.6 to 35 hp
www.semiconductor.agilent.com
Data subject to change.
Copyright © 2000 Agilent Technologies
Osoletes 5966-2716E
5968-9405E (11/00)


Similar Part No. - 5962-9755701HPA

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
5962-97557 AVAGO-5962-97557 Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
logo
Broadcom Corporation.
5962-97557 BOARDCOM-5962-97557 Datasheet
1Mb / 16P
Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - 5962-9755701HPA

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com