Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9755701HPA Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # 5962-9755701HPA
Description  Hermetically Sealed Analog Isolation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-9755701HPA Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button 5962-9755701HPA Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 13Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 14Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 15Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Applications Information
Functional Description
Figure 23 shows the primary
functional blocks of the HCPL-
7850. In operation, the sigma-
delta modulator converts the
analog input signal into a high-
speed serial bit stream. The time
average of this bit stream is
directly proportional to the input
signal. This stream of digital data
is encoded and optically
transmitted to the detector
circuit. The detected signal is
decoded and converted back into
an analog signal, which is filtered
to obtain the final output signal.
Figure 25. Single-Supply Post-Amplifier Circuit.
Figure 26. Top Layer of Printed
Circuit Board Layout.
Figure 27. Bottom Layer of a Printed
Circuit Board Layout.
Application Circuit
The recommended application
circuit is shown in Figure 24. A
floating power supply (which in
many applications could be the
same supply that is used to drive
the high-side power transistor) is
regulated to 5 V using a simple
three-terminal voltage regulator
(U1). The voltage from the
current sensing resistor, or shunt
(Rsense), is applied to the input
of the HCPL-7850 through an RC
anti-aliasing filter (R5, C3). And
finally, the differential output of
the isolation amplifier is
converted to a ground-referenced
single-ended output voltage with
a simple differential amplifier
circuit (U3 and associated
components). Although the
application circuit is relatively
simple, a few recommendations
should be followed to ensure
optimal performance.
Supplies and Bypassing
As mentioned above, an
inexpensive three-terminal
regulator can be used to reduce
the gate-drive power supply
voltage to 5 V. To help attenuate
high frequency power supply
noise or ripple, a resistor or
0.1 µF
+5 V
VOUT
8
7
6
1
3
U2
5
2
4
R1
10.0 K
+5 V
C8
0.1 µF
+
MC34071
R3
10.0 K
HCPL-7850
C4
R4B
20.0 K
C6
150 pF
U3
R4A
20.0 K
+5 V
C5
150 pF
R2
10.0 K
C3
C2
C4
R5
TO RSENSE+
TO RSENSE–
TO VDD1
TO VDD2
VOUT+
VOUT–
Figure 28. Operating Circuit for Burn-In and Steady State Life Tests.
1
2
3
4
8
7
6
5
VDD
VIN+
VIN–
GND
VDD
VOUT+
VOUT–
GND
+
+
27
27
1 k
1 k
1 k
1 k
(+)
(–)
VDD
5.5 VDC
0.1 µF
CONDITIONS: ICC=17.5mA
TA=+125˚C


Similar Part No. - 5962-9755701HPA

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
5962-97557 AVAGO-5962-97557 Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
logo
Broadcom Corporation.
5962-97557 BOARDCOM-5962-97557 Datasheet
1Mb / 16P
Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - 5962-9755701HPA

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
logo
Micropac Industries
62087 MICROPAC-62087 Datasheet
46Kb / 2P
Hermetically sealed
62111 MICROPAC-62111 Datasheet
87Kb / 2P
Hermetically sealed
62121 MICROPAC-62121 Datasheet
65Kb / 2P
Hermetically sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
Hermetically Sealed
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
Hermetically Sealed
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com