Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9755701HPA Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # 5962-9755701HPA
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-9755701HPA Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button 5962-9755701HPA Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
AC Electrical Specifications
Over recommended operating conditions (TA = –55˚C to +125˚C, VIN+ = 0 V, VIN– = 0 V, VDD1 = 5 V and
VDD2 = 5 V, unless otherwise specified).
Group A[12]
Parameter
Symbol
Subgroups
Min.
Typ.* Max. Units
Test Conditions
Fig. Note
Common Mode
CMR
9
5
8
kV/
VCM = 1 kV
16
8,13
Rejection
µs
4.5 V
≤ (VDD1, VDD2)
≤ 5.5 V, TA = 25˚C
Propagation
tPD50
9,10,11
3.7
7.5
µsVIN+ = 0 to 100 mV step 18,19
Delay to 50%
4.5 V
≤ (VDD1, VDD2)
≤ 5.5 V
Propagation
tPD90
9,10,11
5.7
11.0
Delay to 90%
Rise/Fall
tR/F
9,10,11
3.4
7.5
Time (10-90%)
Small-Signal
f–3 dB
9,10,11
45
100
kHz
4.5 V
≤ (VDD1, VDD2)
18,20,
14
Bandwidth
≤ 5.5 V
21
(–3 dB)
VIN+ = 200 mVpk-pk
Small-Signal
f–45˚
31
Bandwidth
(–45˚)
RMS Input-
VN
0.6
mVrms In recommended
22,24
9
Referred Noise
application circuit
Power Supply
PSR
570
mVP–P
10
Rejection
*All typicals are at the nominal operating conditions of VIN+ = 0 V, VIN– = 0 V, TA = 25˚C, VDD1 = 5 V and VDD2 = 5 V.
Notes:
1. If VIN– is brought above VDD1 –2 V with respect to GND1 an internal test mode may be activated. This test mode is not intended for
customer use.
2. Exact offset value is dependent on layout of external bypass capacitors. The offset value in the data sheet corresponds to Agilent’s
recommended layout (see Figures 26 and 27).
3. Nonlinearity is defined as half of the peak-to-peak output deviation from the best-fit gain line, expressed as a percentage of the full-scale
differential output voltage.
4. Because of the switched capacitor nature of the sigma-delta A/D converter, time averaged values are shown.
5. CMRRIN is defined as the ratio of the gain for differential inputs applied between pins 2 and 3 to the gain for both common mode inputs
applied to both pins 2 and 3 with respect to pin 4.
6. When the differential input signal exceeds approximately 320 mV, the outputs will limit at the typical values shown.
7. Short-circuit current is the amount of output current generated when either output is shorted to VDD2 or ground. Agilent does not
recommend operations under these conditions.
8. CMR (also known as IMR or Isolation Mode Rejection) specifies the minimum rate of rise of a common mode signal applied across the
isolation boundary at which small output perturbations begin to occur. These output perturbations can occur with both the rising and
falling edges of the common mode waveform and may be of either polarity. A CMR failure is defined as a perturbation exceeding 200 mV
at the output of the recommended application circuit (Figure 24). See Applications section for more information on CMR.
9. Output noise comes from two primary sources: chopper noise and sigma-delta quantization noise. Chopper noise results from chopper
stabilization of the output op-amps. It occurs at a specific frequency (typically 500 kHz) and is not attenuated by the on-chip output
filter. The on-chip filter does eliminate most, but not all, of the sigma-delta quantization noise. An external filter circuit may be easily
added to the external post-amplifier to reduce the total RMS output noise. See Applications section for more information.
10. Data sheet value is the amplitude of the transient at the differential output of the HCPL-7850 when a 1 VP–P, 1 MHz square wave with
100 ns rise and fall times (measured at pins 1 and 8) is applied to both VDD1 and VDD2.
11. Device considered a two-terminal device: Pins 1, 2, 3, and 4 are shorted together and pins 5, 6, 7, and 8 are shorted together.
12. Commercial parts receive 100% testing at 25˚C (Subgroups 1 and 9). Hi-Rel and SMD parts receive 100% testing at 25˚C, +125˚C and
–55˚C (Subgroups 1 and 9, 2 and 10, 3 and 11, respectively).
13. Parameters are tested as part of device initial characterization and after design and process changes only. Parameters are guaranteed to
limits specified for all lots not specifically tested.
14. The f-3dB test is guaranteed by the TRISE test.
sine wave


Similar Part No. - 5962-9755701HPA

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
5962-97557 AVAGO-5962-97557 Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Broadcom Corporation.
5962-97557 BOARDCOM-5962-97557 Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - 5962-9755701HPA

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com