Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9755701HPA Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 5962-9755701HPA
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-9755701HPA Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  5962-9755701HPA Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings
Storage Temperature (TS) ............................................. –65 to +150˚C
Operating Temperature (TA) .......................................... –55 to +125˚C
Supply Voltages (VDD1, VDD2) ......................................... 0.0 to +5.5 V
Steady-State Input Voltage (VIN+, VIN–) ...... –2.0 V to VDD1 +0.5 V (1/)
2 Second Transient Input Voltage ...... –6.0 V to VDD1 +0.5 V (1/)
Output Voltages (VOUT+, VOUT–) ...........................–0.5 to VDD2 +0.5 V
Lead Soldering Temperature (soldering, 10 seconds max.) ...... +260˚C
ESD Classification
(MIL-STD-883, Method 3015)
HCPL-7850/7851 ..... (v); Class 1
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Supply Voltages
VDD1,
4.5
5.5
Volts
VDD2
Input Voltage (See Note 1)
VIN+,
–200
+200
mV
VIN–


Similar Part No. - 5962-9755701HPA

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
5962-97557 AVAGO-5962-97557 Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Broadcom Corporation.
5962-97557 BOARDCOM-5962-97557 Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - 5962-9755701HPA

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com