Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

14845305 Datasheet(PDF) 1 Page - Adels-Contact

Part # 14845305
Description  AC 164 ALSB/315 050 white
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

14845305 Datasheet(HTML) 1 Page - Adels-Contact

  14845305 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
09/12/2019
Connectors System AC 164
Cables
AC 164 ALSB/315 050 white
Extension Cable Socket, 3 pole, white, Coding: 1 (Mains), Cable
Type: H05VV-F, Core Cross-Section: 1.5 mm², Fire Class: Eca,
Length: 0.50 m, Voltage Rating: 250 V, Current Rating: 16 A
Order Info
Reference Number (ref. no.)
14845305
Applications
Lighting, Installation, Electrical Appliances
PU
75
EAN
4028012133710
Type
Type
Extension Cable Socket
Number of poles
3 pole
Colour
white
Coding
1 (Mains)
PE Function
yes
Protection Against Incorrect Plugging
yes
Latch
yes
Technical Data
Voltage Rating
250 V
Current Rating
16 A
Insulating Material
PA 6.6
Contact Material
Brass
max. Ambient Temperature Operation
70 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Flexible
yes
Stripping Length
7.0 mm
Dismantling Length PE
29.0 mm
Dismantling Length
22.0 mm
Cable Type
H05VV-F
Core Cross-Section
1.5 mm²
Fire Class
Eca
Length
0.50 m
Approbation EN61535
AC 164_EN61535_20190125_DEKRA_ENEC_71-107174_web.pdf


Similar Part No. - 14845305

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
14845310 ADELS-14845310 Datasheet
117Kb / 1P
   AC 164 ALSB/315 100 white
09/12/2019
14845320 ADELS-14845320 Datasheet
117Kb / 1P
   AC 164 ALSB/315 200 white
09/12/2019
14845330 ADELS-14845330 Datasheet
117Kb / 1P
   AC 164 ALSB/315 300 white
09/12/2019
14845340 ADELS-14845340 Datasheet
117Kb / 1P
   AC 164 ALSB/315 400 white
09/12/2019
More results

Similar Description - 14845305

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
9B845305 ADELS-9B845305 Datasheet
117Kb / 1P
   AC 164 ALSB/315 050 white B2ca
09/12/2019
92845305 ADELS-92845305 Datasheet
117Kb / 1P
   AC 164 ALSB/315 050 white Dca
09/12/2019
14846305 ADELS-14846305 Datasheet
119Kb / 1P
   AC 164 ALSB/315 050 black
09/12/2019
14845330 ADELS-14845330 Datasheet
117Kb / 1P
   AC 164 ALSB/315 300 white
09/12/2019
14845310 ADELS-14845310 Datasheet
117Kb / 1P
   AC 164 ALSB/315 100 white
09/12/2019
14845320 ADELS-14845320 Datasheet
117Kb / 1P
   AC 164 ALSB/315 200 white
09/12/2019
14845340 ADELS-14845340 Datasheet
117Kb / 1P
   AC 164 ALSB/315 400 white
09/12/2019
14845405 ADELS-14845405 Datasheet
118Kb / 1P
   AC 164 ALSB/415 050 white
09/12/2019
14845205 ADELS-14845205 Datasheet
117Kb / 1P
   AC 164 ALSB/215 050 white
09/12/2019
9B845505 ADELS-9B845505 Datasheet
119Kb / 1P
   AC 164 ALSB/515 050 white
23/12/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com