Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

148752 Datasheet(PDF) 2 Page - Adels-Contact

Part # 148752
Description  AC 164 EST/ 2 white
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

148752 Datasheet(HTML) 2 Page - Adels-Contact

  148752 Datasheet HTML 1Page - Adels-Contact 148752 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
09/12/2019
Stripping Length
7.0 mm
Assembly Contact Screw
PZ 1 / 0.5 Nm
Wall Thickness min.
0.5 mm
Wall Thickness max.
1.2 mm
Approbation EN61535
AC 164_EN61535_20190125_DEKRA_ENEC_71-107174_web.pdf
Approbation UL
160_163_AC164_AC166_20011003_20170727_UL_E220480_Sec.1-01_Description_web.pdf


Similar Part No. - 148752

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
14875205 ADELS-14875205 Datasheet
119Kb / 1P
AC 164 VLS/215 050 white
09/12/2019
14875210 ADELS-14875210 Datasheet
119Kb / 1P
AC 164 VLS/215 100 white
09/12/2019
14875220 ADELS-14875220 Datasheet
119Kb / 1P
AC 164 VLS/215 200 white
09/12/2019
14875230 ADELS-14875230 Datasheet
119Kb / 1P
AC 164 VLS/215 300 white
09/12/2019
14875240 ADELS-14875240 Datasheet
119Kb / 1P
AC 164 VLS/215 400 white
09/12/2019
More results

Similar Description - 148752

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
146052 ADELS-146052 Datasheet
119Kb / 2P
AC 164 ST/ 2 white
12/11/2019
1487P2 ADELS-1487P2 Datasheet
122Kb / 2P
AC 164 EST/ 2 pastel blue Frame white
09/12/2019
1487P5 ADELS-1487P5 Datasheet
123Kb / 2P
AC 164 EST/ 5 pastel blue Frame white
09/12/2019
146452 ADELS-146452 Datasheet
121Kb / 2P
AC 164 STF/ 2 white
09/12/2019
148753 ADELS-148753 Datasheet
120Kb / 2P
AC 164 EST/ 3 white
09/12/2019
148754 ADELS-148754 Datasheet
120Kb / 2P
AC 164 EST/ 4 white
09/12/2019
148755 ADELS-148755 Datasheet
120Kb / 2P
AC 164 EST/ 5 white
09/12/2019
148762 ADELS-148762 Datasheet
121Kb / 2P
AC 164 EST/ 2 black
09/12/2019
148764 ADELS-148764 Datasheet
122Kb / 2P
AC 164 EST/ 4 black
09/12/2019
148765 ADELS-148765 Datasheet
123Kb / 2P
AC 164 EST/ 5 black
09/12/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com