Electronic Components Datasheet Search |
|
1484PW20 Datasheet(PDF) 1 Page - Adels-Contact |
|
|
1484PW20 Datasheet(HTML) 1 Page - Adels-Contact |
|
1 / 1 page 09/12/2019 Connectors System AC 164 Cables AC 164 ALSB/215 200 pastel blue white Extension Cable Socket, 2 pole, pastel blue white, Coding: 2 (DALI), Cable Type: H05VV-F, Core Cross-Section: 1.5 mm², Fire Class: Eca, Length: 2.00 m, Voltage Rating: 250 V, Current Rating: 16 A Order Info Reference Number (ref. no.) 1484PW20 PU 50 Type Type Extension Cable Socket Number of poles 2 pole Colour pastel blue white Coding 2 (DALI) Protection Against Incorrect Plugging yes Latch yes Technical Data Voltage Rating 250 V Current Rating 16 A Insulating Material PA 6.6 Contact Material Brass max. Ambient Temperature Operation 70 °C IP Code IP20 IP Code when Plugged IP40 Type of Conductor Flexible yes Stripping Length 7.0 mm Dismantling Length 22.0 mm Cable Type H05VV-F Core Cross-Section 1.5 mm² Fire Class Eca Length 2.00 m Approbation EN61535 AC 164_EN61535_20190125_DEKRA_ENEC_71-107174_web.pdf |
Similar Part No. - 1484PW20 |
|
Similar Description - 1484PW20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |