Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH75S280-24 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PH75S280-24
Description  Simple function, 50 to 600W DC-DC converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PH75S280-24 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PH75S280-24 Datasheet HTML 1Page - List of Unclassifed Manufacturers PH75S280-24 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PH-S Series
3055 Del Sol Blvd • San Diego, CA 92154 • 1-800-LAMBDA-4
Other Lambda DC-DC Products
-Vin
Negative Input Terminal
+Vin
Positive Input Terminal
+S
Positive Remote sense
-S
Negative Remote sense
+V
Positive Output Terminal
-V
Negative Output Terminal
IOG
Inverter Good Signal
TRIM
Output adjustment trim pin
CNT
On/Off Control Terminal
CS
Current Monitor Signal
PH Full Function 50 - 300W, full function versions of PH
PAQ, PAH, PAF
50 -600W quarter, half & full bricks
X
10 - 20W, 24 & 48V input DC-DC converters
SX
Surface Mount 20W, 24 & 48 input
DC-DC converters
Pin Description
Function
Pinout
Revision A3: Mar 2004
For Additional Information, please visit
www.lambdapower.com/products/ph-series-sf.htm
3.3
10.0
33.0
-
PH50S48-3.3
-
PH50S280-3.3
3.3
15.0
49.5
-
PH75S48-3.3
-
PH75S280-3.3
3.3
20.0
66.0
-
PH100S48-3.3
-
PH100S280-3.3
3.3
30.0
99.0
-
PH150S48-3.3
-
PH150S280-3.3
3.3
50.0
165.0
-
PH300S48-3
-
PH300S280-3
3.3
100.0
330.0
-
-
-
PH600S280-3
5.0
10.0
50.0
PH50S24-5
PH50S48-5
PH50S110-5
PH50S280-5
5.0
15.0
75.0
-
PH75S48-5
PH75S110-5
PH75S280-5
5.0
20.0
100.0
-
PH100S48-5
-
PH100S280-5
5.0
30.0
150.0
-
PH150S48-5
PH150S110-5
PH150S280-5
5.0
50.0
250.0
-
PH300S48-5
-
PH300S280-5
5.0
100.0
500.0
-
-
-
PH600S280-5
12.0
4.2
50.0
PH50S24-12
PH50S48-12
PH50S110-12
PH50S280-12
12.0
6.3
75.0
-
PH75S48-12
PH75S110-12
PH75S280-12
12.0
8.4
100.0
-
PH100S48-12
-
PH100S280-12
12.0
12.5
150.0
-
PH150S48-12
PH150S110-12
PH150S280-12
12.0
25.0
300.0
-
PH300S48-12
-
PH300S280-12
12.0
50.0
600.0
-
-
-
PH600S280-12
15.0
3.4
50.0
PH50S24-15
PH50S48-15
PH50S110-15
PH50S280-15
15.0
5.0
75.0
-
PH75S48-15
PH75110-15
PH75S280-15
15.0
6.7
100.0
-
PH100S48-15
-
PH100S280-15
15.0
10.0
150.0
-
PH150S48-15
PH150S110-15
PH150S280-15
15.0
20.0
300.0
-
PH300S48-15
-
PH300S280-15
15.0
40.0
600.0
-
-
-
PH600S280-15
24.0
2.1
50.0
PH50S24-24
PH50S48-24
PH50S110-24
PH50S280-24
24.0
3.2
75.0
-
PH75S48-24
PH75S110-24
PH75S280-24
24.0
4.2
100.0
-
PH100S48-24
-
PH100S280-24
24.0
6.3
150.0
-
PH150S48-24
PH150S110-24
PH150S280-24
24.0
12.5
300.0
-
PH300S48-24
-
PH300S280-24
24.0
25.0
600.0
-
-
-
PH600S280-24
28.0
1.8
50.0
PH50S24-28
PH50S48-28
PH50S110-28
PH50S280-28
28.0
2.7
75.0
-
PH75S48-28
PH75S110-28
PH75S280-28
28.0
3.6
100.0
-
PH100S48-28
-
PH100S280-28
28.0
5.4
150.0
-
PH150S48-28
PH150S110-28
PH150S280-28
28.0
10.8
302.0
-
PH300S48-28
-
PH300S280-28
28.0
21.5
602.0
-
-
-
PH600S280-28
48.0
6.3
302.0
-
PH300S48-48
-
PH300S280-48
48.0
12.5
600.0
-
-
-
PH600S280-48
Nominal
Output
Output
Output
Voltage (V)
Current (A)
Power (W)
24V input
48V input
110V input
280V input
Model Selector


Similar Part No. - PH75S280-24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PH75S110-12 TDK-PH75S110-12 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
PH75S110-24 TDK-PH75S110-24 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
PH75S110-28 TDK-PH75S110-28 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
PH75S110-5 TDK-PH75S110-5 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
PH75S48-12 TDK-PH75S48-12 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
More results

Similar Description - PH75S280-24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PH150S4828 TDK-PH150S4828 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
PH150S48-24 TDK-PH150S48-24 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
logo
Vicor Corporation
COMPAC VICOR-COMPAC Datasheet
204Kb / 4P
   DC-DC Switchers 50 to 600W 1-3 Outputs
VI-LC1Z-EV VICOR-VI-LC1Z-EV Datasheet
205Kb / 4P
   DC-DC Switchers 50 to 600W 1-3 Outputs
VI-RU VICOR-VI-RU Datasheet
208Kb / 4P
   50 to 600W Autoranging AC-DC Switchers
MI-200 VICOR-MI-200 Datasheet
86Kb / 2P
   Military DC-DC Converters 50 to 100W
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
logo
List of Unclassifed Man...
MI-220 ETC1-MI-220 Datasheet
92Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
Tumbler Technologies + ...
PD65-10 TRUMPOWER-PD65-10 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
PD65 TRUMPOWER-PD65 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com