Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMG8C60 Datasheet(PDF) 1 Page - SanRex Corporation

Part # TMG8C60
Description  TRIAC(NON-ISOLATED TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

TMG8C60 Datasheet(HTML) 1 Page - SanRex Corporation

  TMG8C60 Datasheet HTML 1Page - SanRex Corporation TMG8C60 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13
TMG8C60
TRIAC
(NON-ISOLATED TYPE)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
Symbol
Item
Ratings
TMG8C60
Unit
VDRM
Repetitive Peak Off-State Voltage
600
V
Symbol
Item
Conditions
Ratings
8
Unit
IT(RMS)
R.M.S. On-State Current
ITSM
Surge On-State Current
Tc
=105℃
One cycle, 50Hz/60Hz, peak, non-repetitive
I2t
I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IGM
Peak Gate Current
VGM
Peak Gate Voltage
1ms
∼10ms
A
80/88
A
32
5
A2S
W
0.5
Tj
Operating Junction Temperature
Tstg
Storage Temperature
Mass
2
W
A
10
V
−40 to +125
−40 to +125
2
g
Symbol
Item
Conditions
Ratings
Min.
Typ.
Max.
Unit
IDRM
Reptitive Peak Off-State Current
VTM
Peak On-State Voltage
VD=VDRM, Single phase, half wave, Tj
=125℃
IT
=12A, Inst. measurement
I
GT1
1
2
3
4
Gate Trigger Current
I
GT1
I
GT3
I
GT3
VGD
Non-Trigger Gate Voltage
VD
=6V,RL=10Ω
mA
V
mA
0.2
10
15
2
1.4
30
30
30
1.5
1.5
1.5
2.0
V
GT1
1
2
3
4
Gate Trigger Voltage
V
GT1
V
GT3
V
GT3
VD
=6V,RL=10Ω
V
Tj
=125℃,VD12VDRM
〔dv/dt〕c
Critical Rate of Rise off-State
Voltage at commutation
IH
Holding Current
Rth
(j-c) Thermal Impedance
Tj
=125℃,
〔di/dt〕
c
=−4A/ms,VD23VDRM
Junction to case
V
V/
μs
mA
℃/W
■Electrical Characteristics
T1
T2
G
F
H
KI
J
C
E
D
1.
T1
2.
T2
3.
Gate
12
3
Unit
A
DIM
Millimeters
Min
Typ
Max
A
5.58
6.40
7.49
B
8.38
8.60
8.90
C
4.40
4.50
4.70
D
1.15
1.27
1.39
E
0.35
0.45
0.60
F
9.66
10.10
10.28
G
16.25
H
3.83
I
0.75
0.85
0.95
J
1.14
1.27
1.40
K
2.54
L
12.70
13.50
14.27
M
14.48
15.00
15.87
TMG8C60 are non-isolated triac suitable for wide range of applications
like copier, microwave oven, solid state switch, motor control, light and
heater control.
IT(RMS) 8A
High surge capability 88A
Non-isolated type


Similar Part No. - TMG8C60

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG8C60F SANREX-TMG8C60F Datasheet
116Kb / 2P
Isolated Mold Triac Suitable for wide range of Applications
TMG8C60H SANREX-TMG8C60H Datasheet
471Kb / 2P
TRIAC(Surface Mount Device/Non-isolated)
More results

Similar Description - TMG8C60

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG16C40 SANREX-TMG16C40 Datasheet
411Kb / 2P
TRIAC(ISOLATED TYPE)
TG35F40 SANREX-TG35F40 Datasheet
99Kb / 2P
TRIAC (ISOLATED TYPE)
TG70AA60 SANREX-TG70AA60 Datasheet
113Kb / 2P
TRIAC (ISOLATED TYPE)
TMG12C60 SANREX-TMG12C60 Datasheet
105Kb / 2P
TRIAC (NON-ISOLATED TYPE)
TMG10C60 SANREX-TMG10C60 Datasheet
117Kb / 2P
TRIAC(NON-ISOLATED TYPE)
TMG3D60C SANREX-TMG3D60C Datasheet
476Kb / 3P
TRIAC(Through Hole/Non-isolated)
TMG3DQ60C SANREX-TMG3DQ60C Datasheet
478Kb / 3P
TRIAC(Through Hole/Non-isolated)
TMG25C60 SANREX-TMG25C60 Datasheet
57Kb / 1P
TRIAC (NON-ISOLATED TYPE) TO-3P PACKAGE
TMG10C40 SANREX-TMG10C40 Datasheet
330Kb / 2P
TRIAC ( ISOLATED TYPE )
TMG40C60 SANREX-TMG40C60 Datasheet
60Kb / 1P
TRIAC (NON-ISOLATED TYPE) TO-3P PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com