Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P132-000 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P132-000
Description  DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P132-000 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P132-000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P132-000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
MODEL NUMBER: P132-000
Description
Tripp Lite's DVI-D Female to HDMI-Male adapter allows older DVI cables to plug into newer HDMI
equipment. Gold plated connectors, and 24K Gold contacts, along with a molded, rubberized plastic
housing, assure long life use. Slotted thumbscrews allow for easy installation in close quarters.
Features
Converts HDMI equipment to DVI cabling
q
24K Gold Contacts
q
Impact resistant molded rubber shell
q
Slim design for tight spaces
q
Highlights
Converts a DVI-D Male
connector into HDMI Male
connector
q
Compact size for installation in
tight spaces
q
System Requirements
Digital video equipment with
HDMI Female connections
q
Package Includes
DVI-D Female to HDMI Male
Adapter
q
OVERVIEW
UPC Code
037332125880
PHYSICAL
Color
Black
Shipping Dimensions (hwd / cm)
22.86 x 17.78 x 1.27
Shipping Dimensions (hwd / in.)
9.00 x 7.00 x 0.50
Shipping Weight (kg)
0.03
Shipping Weight (lbs.)
0.06
CONNECTIONS
1 / 2


Similar Part No. - P132-000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P132-06N-MICRO TRIPPLITE-P132-06N-MICRO Datasheet
157Kb / 2P
Micro HDMI (Type D) to DVI-D Adapter (M/F), 6-in.
P132-08N TRIPPLITE-P132-08N Datasheet
157Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in.
More results

Similar Description - P132-000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P13208N TRIPPLITE-P13208N Datasheet
478Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P566012 TRIPPLITE-P566012 Datasheet
499Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 12-ft
P566006 TRIPPLITE-P566006 Datasheet
500Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 6-ft
P566010 TRIPPLITE-P566010 Datasheet
499Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 10-ft
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P130-08N TRIPPLITE-P130-08N Datasheet
155Kb / 2P
HDMI to DVI Adapter Cable (HDMI to DVI-D F/M), 8-in.
P132-08N TRIPPLITE-P132-08N Datasheet
157Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in.
logo
IOGEAR
GHDDVIC4K3 IOGEAR-GHDDVIC4K3 Datasheet
162Kb / 2P
HDMI (M) to DVI-D (M) Adapter Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com