![]() |
Electronic Components Datasheet Search |
|
GRM188C71A105MA12J Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd |
|
|
GRM188C71A105MA12J Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd |
8 / 30 page ![]() 4. Part of the leader and part of the vacant section are attached as follows. The sprocket holes are to the right as the tape is pulled toward the user. 5. Accumulate tolerance of sprocket holes pitch = +/-0.3mm/10 pitch 6. Chip in the tape is enclosed as shown in 2.Dimensions of Tape. 7. The top tape and carrier tape are not attached at the end of the tape for a minimum of 5 pitches. 8. There are no jointing for top tape and bottom tape. 9. There are no fuzz in the cavity. 10. Break down force of top tape : 5N min. Break down force of bottom tape : 5N min. (Only a bottom tape existence ) 11. Reel is made by resin and appeaser and dimension is shown in 3.Dimensions of Reel. There are possibly to change the material and dimension due to some impairment. 12. Peeling off force : 0.1N to 0.6N in the direction as shown below. 13. Label that show the customer parts number, our parts number, our company name, inspection number and quantity, will be put in outside of reel. 図1 チップ詰め状態 (単位:mm) 165° to 180° Top tape 図1 チップ詰め状態 (単位:mm) Tail vacant Section Chip-mounting Unit Leader vacant Section Leader Unit (Top Tape only) Direction of Feed 160 min. 190 min. 210 min. GRM188C71A105MA12-01A |
Similar Part No. - GRM188C71A105MA12J |
|
Similar Description - GRM188C71A105MA12J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |