Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1232CASE Datasheet(PDF) 6 Page - Elpida Memory

Part # EDS1232CASE
Description  128M bits SDRAM (4M words x 32 bits)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232CASE Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDS1232CASE Datasheet HTML 2Page - Elpida Memory EDS1232CASE Datasheet HTML 3Page - Elpida Memory EDS1232CASE Datasheet HTML 4Page - Elpida Memory EDS1232CASE Datasheet HTML 5Page - Elpida Memory EDS1232CASE Datasheet HTML 6Page - Elpida Memory EDS1232CASE Datasheet HTML 7Page - Elpida Memory EDS1232CASE Datasheet HTML 8Page - Elpida Memory EDS1232CASE Datasheet HTML 9Page - Elpida Memory EDS1232CASE Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
EDS1232CASE
Data Sheet E0351E30 (Ver. 3.0)
6
Pin Capacitance (TA = 25°C, f = 1MHz)
Parameter
Symbol
Pins
min.
typ.
max.
Unit
Note
Input capacitance
CI1
Address
1.5
3.0
pF
CI2
CLK, CKE, /CS, /RAS,
/CAS, /WE, DQM
1.5
3.0
pF
Data input/output capacitance
CI/O
DQ
3.0
5.5
pF
AC Characteristics (TA = 0 to +70
°C, VDD, VDDQ = 2.5V±0.2V, VSS, VSSQ = 0V)
-1A
Parameter
Symbol
min.
max.
Unit
Note
System clock cycle time
(CL = 2)
tCK
10
ns
(CL = 3)
tCK
10
ns
CLK high pulse width
tCH
3
ns
CLK low pulse width
tCL
3
ns
Access time from CLK
tAC
6
ns
Data-out hold time
tOH
2
ns
CLK to Data-out low impedance
tLZ
0
ns
CLK to Data-out high impedance
tHZ
2
6
ns
Input setup time
tSI
2
ns
Input hold time
tHI
1
ns
CKE setup time (Power down exit)
tCKSP
2
ns
ACT to REF/ACT command period
(operation)
tRC
70
ns
(refresh)
tRC
70
ns
Active to Precharge command period
tRAS
50
120000
ns
Active command to column command (same bank) tRCD
20
ns
Precharge to active command period
tRP
20
ns
Write recovery or data-in to precharge lead time
tDPL
20
ns
Last data into active latency
tDAL
2CLK + 20ns
Active (a) to Active (b) command period
tRRD
20
ns
Mode register set cycle time
tRSC
2
CLK
Transition time (rise and fall)
tT
0.5
30
ns
Refresh period
(4096 refresh cycles)
tREF
64
ms


Similar Part No. - EDS1232CASE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232CABB ELPIDA-EDS1232CABB Datasheet
564Kb / 55P
   128M bits SDRAM
EDS1232CABB-1A-E ELPIDA-EDS1232CABB-1A-E Datasheet
564Kb / 55P
   128M bits SDRAM
EDS1232CABB-1AL-E ELPIDA-EDS1232CABB-1AL-E Datasheet
564Kb / 55P
   128M bits SDRAM
EDS1232CABB-75-E ELPIDA-EDS1232CABB-75-E Datasheet
564Kb / 55P
   128M bits SDRAM
EDS1232CABB-75L-E ELPIDA-EDS1232CABB-75L-E Datasheet
564Kb / 55P
   128M bits SDRAM
More results

Similar Description - EDS1232CASE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDS6416AHTA ELPIDA-EDS6416AHTA Datasheet
696Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDS6416AHBH ELPIDA-EDS6416AHBH Datasheet
716Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDS6432AFTA ELPIDA-EDS6432AFTA Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com