Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1232AATA-75L-E Datasheet(PDF) 26 Page - Elpida Memory

Part # EDS1232AATA-75L-E
Description  128M bits SDRAM (4M words x 32 bits)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232AATA-75L-E Datasheet(HTML) 26 Page - Elpida Memory

Back Button EDS1232AATA-75L-E Datasheet HTML 22Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 23Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 24Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 25Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 26Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 27Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 28Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 29Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 30Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
EDS1232AATA
Data Sheet E0386E40 (Ver. 4.0)
26
Power-up Sequence
Power-up sequence
The SDRAM should be goes on the following sequence with power up.
The CLK, CKE, /CS, DQM and DQ pins keep low till power stabilizes.
The CLK pin is stabilized within 100 µs after power stabilizes before the following initialization sequence.
The CKE and DQM is driven to high between power stabilizes and the initialization sequence.
This SDRAM has VDD clamp diodes for CLK, CKE, address, /RAS, /CAS, /WE, /CS, DQM and DQ pins. If these
pins go high before power up, the large current flows from these pins to VDD through the diodes.
Initialization sequence
When 200 µs or more has past after the above power-up sequence, all banks must be precharged using the
precharge command (PALL). After tRP delay, set 8 or more auto refresh commands (REF). Set the mode register
set command (MRS) to initialize the mode register. We recommend that by keeping DQM and CKE to High, the
output buffer becomes High-Z during Initialization sequence, to avoid DQ bus contention on memory system formed
with a number of device.
VDD, VDDQ
Power up sequence
Initialization sequence
100
µs
0 V
Low
Low
Low
CKE, DQM
CLK
/CS, DQ
200
µs
Power stabilize
Power-up sequence and Initialization sequence


Similar Part No. - EDS1232AATA-75L-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
644Kb / 53P
   128M bits SDRAM
More results

Similar Description - EDS1232AATA-75L-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDS6416AHTA ELPIDA-EDS6416AHTA Datasheet
696Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDS6416AHBH ELPIDA-EDS6416AHBH Datasheet
716Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDS6432AFTA ELPIDA-EDS6432AFTA Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com