Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1232AATA-75L-E Datasheet(PDF) 23 Page - Elpida Memory

Part # EDS1232AATA-75L-E
Description  128M bits SDRAM (4M words x 32 bits)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232AATA-75L-E Datasheet(HTML) 23 Page - Elpida Memory

Back Button EDS1232AATA-75L-E Datasheet HTML 19Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 20Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 21Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 22Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 23Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 24Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 25Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 26Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 27Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
EDS1232AATA
Data Sheet E0386E40 (Ver. 4.0)
23
Mode Register
WT = 1
1
2
4
8
R
R
R
R
1
0
0
0
0
JEDEC Standard Test Set (refresh counter test)
BL
WT
LTMODE
0
0
1
x
x
Burst Read and Single Write
(for Write Through Cache)
0
1
Use in future
V
V
V
V
V
V
1V
1
x
x
x
Vender Specific
BL
WT
LTMODE
0
0
0
0
0
Mode Register Set
V = Valid
x = Don’t care
WT = 0
1
2
4
8
R
R
R
Full page
Bits2-0
000
001
010
011
100
101
110
111
Burst length
Sequential
Interleave
0
1
Wrap type
/CAS latency
R
R
2
3
R
R
R
R
Bits6-4
000
001
010
011
100
101
110
111
Latency
mode
0
0
A0
A1
A2
A3
A4
A5
A7
A6
A8
A9
A10
A11
BA1
BA0
A0
A1
A2
A3
A4
A5
A7
A6
A8
A9
A10
A11
BA1
BA0
A0
A1
A2
A3
A4
A5
A7
A6
A8
A9
A10
A11
BA1
BA0
A0
A1
A2
A3
A4
A5
A7
A6
A8
A9
A10
A11
BA1
BA0
A0
A1
A2
A3
A4
A5
A7
A6
A8
A9
A10
A11
BA1
BA0
x
x
x
x
0
0
Remark R : Reserved
CLK
CKE
/CS
/RAS
/CAS
/WE
A0 - A11,
BA0, BA1
Mode Register Set
Mode Register Set Timing


Similar Part No. - EDS1232AATA-75L-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
644Kb / 53P
   128M bits SDRAM
More results

Similar Description - EDS1232AATA-75L-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDS6416AHTA ELPIDA-EDS6416AHTA Datasheet
696Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDS6416AHBH ELPIDA-EDS6416AHBH Datasheet
716Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDS6432AFTA ELPIDA-EDS6432AFTA Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com