Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1232AATA-75L-E Datasheet(PDF) 12 Page - Elpida Memory

Part # EDS1232AATA-75L-E
Description  128M bits SDRAM (4M words x 32 bits)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232AATA-75L-E Datasheet(HTML) 12 Page - Elpida Memory

Back Button EDS1232AATA-75L-E Datasheet HTML 8Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 9Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 10Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 11Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 12Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 13Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 14Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 15Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 16Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
EDS1232AATA
Data Sheet E0386E40 (Ver. 4.0)
12
Precharge command (/CS, /RAS, /WE = Low, /CAS = High)
This command begins precharge operation of the bank selected by BA0 and BA1. When A10 is High, all banks are
precharged, regardless of BA0 and BA1. When A10 is Low, only the bank selected by BA0 and BA1 is precharged.
After this command, the Synchronous DRAM can’t accept the activate command to the precharging bank during tRP
(precharge to activate command period). This command corresponds to a conventional DRAM’s /RAS rising.
/WE
/CAS
/RAS
/CS
CKE
CLK
H
Add
A10
BA0, BA1
(Bank select)
(Precharge select)
Precharge Command
Write command (/CS, /CAS, /WE = Low, /RAS = High)
If the mode register is in the burst write mode, this command sets the burst start address given by the column
address to begin the burst write operation. The first write data in burst mode can input with this command with
subsequent data on following clocks.
/WE
/CAS
/RAS
/CS
CKE
CLK
H
Add
A10
BA0, BA1
(Bank select)
Col.
Column Address and Write Command


Similar Part No. - EDS1232AATA-75L-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
644Kb / 53P
   128M bits SDRAM
More results

Similar Description - EDS1232AATA-75L-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDS6416AHTA ELPIDA-EDS6416AHTA Datasheet
696Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDS6416AHBH ELPIDA-EDS6416AHBH Datasheet
716Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDS6432AFTA ELPIDA-EDS6432AFTA Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com