Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1232AATA-75L-E Datasheet(PDF) 11 Page - Elpida Memory

Part # EDS1232AATA-75L-E
Description  128M bits SDRAM (4M words x 32 bits)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232AATA-75L-E Datasheet(HTML) 11 Page - Elpida Memory

Back Button EDS1232AATA-75L-E Datasheet HTML 7Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 8Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 9Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 10Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 11Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 12Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 13Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 14Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
EDS1232AATA
Data Sheet E0386E40 (Ver. 4.0)
11
Command Operation
Mode register set command (/CS, /RAS, /CAS, /WE)
The Synchronous DRAM has a mode register that defines how the device operates. In this command, A0 through
A11 are the data input pins. After power on, the mode register set command must be executed to initialize the
device. The mode register can be set only when all banks are in idle state. During 2CLK (tRSC) following this
command, the Synchronous DRAM cannot accept any other commands.
/WE
/CAS
/RAS
/CS
CKE
CLK
H
Add
A10
BA0, BA1
(Bank select)
Mode Register Set Command
Activate command (/CS, /RAS = Low, /CAS, /WE = High)
The Synchronous DRAM has four banks, each with 4,096 rows. This command activates the bank selected by BA0
and BA1 and a row address selected by A0 through A11. This command corresponds to a conventional DRAM's
/RAS falling.
/WE
/CAS
/RAS
/CS
CKE
CLK
H
Add
A10
BA0, BA1
Row
Row
(Bank select)
Row Address Strobe and Bank Activate Command


Similar Part No. - EDS1232AATA-75L-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
644Kb / 53P
128M bits SDRAM
More results

Similar Description - EDS1232AATA-75L-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
128M bits SDRAM (4M words x 32 bits)
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
128M bits DDR SDRAM (4M words x 32 bits)
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
128M bits SDRAM (8M words x 16 bits)
EDS6416AHTA ELPIDA-EDS6416AHTA Datasheet
696Kb / 49P
64M bits SDRAM (4M words x 16 bits)
EDS6416AHBH ELPIDA-EDS6416AHBH Datasheet
716Kb / 49P
64M bits SDRAM (4M words x 16 bits)
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
128M bits DDR SDRAM (8M words x 16 bits)
EDS6432AFTA ELPIDA-EDS6432AFTA Datasheet
704Kb / 49P
64M bits SDRAM (2M words x 32 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
128M bits DDR SDRAM (8M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com