Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1232AATA-75L-E Datasheet(PDF) 8 Page - Elpida Memory

Part # EDS1232AATA-75L-E
Description  128M bits SDRAM (4M words x 32 bits)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232AATA-75L-E Datasheet(HTML) 8 Page - Elpida Memory

Back Button EDS1232AATA-75L-E Datasheet HTML 4Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 5Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 6Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 7Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 8Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 9Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 10Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 11Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
EDS1232AATA
Data Sheet E0386E40 (Ver. 4.0)
8
Relationship Between Frequency and Minimum Latency
Parameter
-60
-75
Frequency (MHz)
166
133
133
100
tCK (ns)
Symbol
6
7.5
7.5
10
Unit
Notes
Active command to column command
(same bank)
lRCD
3
2
3
2
tCK
1
Active command to active command
(same bank)
lRC
10
8
9
7
tCK
1
Active command to precharge command
(same bank)
lRAS
7
6
6
5
tCK
1
Precharge command to active command
(same bank)
lRP
3
2
3
2
tCK
1
Write recovery or data-in to precharge
command (same bank)
lDPL
2
2
2
2
tCK
1
Active command to active command
(different bank)
lRRD
2
2
2
2
tCK
1
Self refresh exit time
lSREX
1
1
1
1
tCK
2
Last data in to active command
(Auto precharge, same bank)
lDAL
5
4
5
4
tCK
= [lDPL + lRP]
Self refresh exit to command input
lSEC
10
8
9
7
tCK
= [lRC]
3
Precharge command to high impedance
(CL = 2)
lHZP
2
2
tCK
(CL = 3)
lHZP
3
3
3
3
tCK
Last data out to active command
(Auto precharge, same bank)
lAPR
1
1
1
1
tCK
Last data out to precharge
(early precharge)
(CL = 2)
lEP
–1
–1
tCK
(CL = 3)
lEP
–2
–2
–2
–2
tCK
Column command to column command
lCCD
1
1
1
1
tCK
Write command to data in latency
lWCD
0
0
0
0
tCK
DQM to data in
lDID
0
0
0
0
tCK
DQM to data out
lDOD
2
2
2
2
tCK
CKE to CLK disable
lCLE
1
1
1
1
tCK
Register set to active command
lMRD
2
2
2
2
tCK
/CS to command disable
lCDD
0
0
0
0
tCK
Power down exit to command input
lPEC
1
1
1
1
tCK
Notes: 1. lRCD to lRRD are recommended value.
2. Be valid [DESL] or [NOP] at next command of self refresh exit.
3. Except [DESL] and [NOP]


Similar Part No. - EDS1232AATA-75L-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
644Kb / 53P
   128M bits SDRAM
More results

Similar Description - EDS1232AATA-75L-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDS6416AHTA ELPIDA-EDS6416AHTA Datasheet
696Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDS6416AHBH ELPIDA-EDS6416AHBH Datasheet
716Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDS6432AFTA ELPIDA-EDS6432AFTA Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com