Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1232AATA-75L-E Datasheet(PDF) 5 Page - Elpida Memory

Part # EDS1232AATA-75L-E
Description  128M bits SDRAM (4M words x 32 bits)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232AATA-75L-E Datasheet(HTML) 5 Page - Elpida Memory

  EDS1232AATA-75L-E Datasheet HTML 1Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 2Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 3Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 4Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 5Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 6Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 7Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 8Page - Elpida Memory EDS1232AATA-75L-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
EDS1232AATA
Data Sheet E0386E40 (Ver. 4.0)
5
DC Characteristics 1 (TA = 0 to +70
°°°°C, VDD, VDDQ = 3.3V±±±±0.3V, VSS, VSSQ = 0V)
Parameter
/CAS latency
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current
(CL = 2)
IDD1
-60
-75
120
105
mA
1
(CL = 3)
IDD1
-60
-75
120
105
mA
Burst length = 1
tRC
≥ tRC (min.)
IO = 0mA
One bank active
Standby current in power down
IDD2P
1
mA
Standby current in power down
(input signal stable)
IDD2PS
1
mA
CKE
≤ VIL (max.) tCK = 15ns
CKE
≤ VIL (max.) tCK = ∞
Standby current in non power
down
IDD2N
20
mA
CKE
≥ VIH (min.) tCK = 15ns
CS
≥ VIH (min.)
Input signals are changed one
time during 30ns
Standby current in non power
down
(input signal stable)
IDD2NS
8
mA
CKE
≥ VIH (min.) tCK = ∞
Active standby current in power
down
IDD3P
5
mA
CKE
≤ VIL (max.) tCK = 15ns
Active standby current in power
down (input signal stable)
IDD3PS
4
mA
CKE
≤ VIL (max.), tCK = ∞
Active standby current in non
power down
IDD3N
25
mA
CKE
≥ VIH (min.), tCK = 15 ns,
/CS
≥ VIH (min.),
Input signals are changed one
time during 30ns.
Active standby current in non
power down
(input signal stable)
IDD3NS
15
mA
CKE
≥ VIH (min.), tCK = ∞,
Burst operating current
IDD4
-60
-75
200
180
mA
tCK
≥ tCK (min.),
IO = 0mA, All banks active
2
Refresh current
IDD5
-60
-75
240
210
mA
tRC
≥ tRC (min.)
3
Self refresh current
IDD6
2.0
mA
VIH
≥ VDD − 0.2V,
VIL
≤ GND + 0.2V
Self refresh current
(L-version)
IDD6
-xxL
0.6
mA
Notes: 1. IDD1 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, IDD1 is measured condition that addresses are changed only one time during tCK (min.).
2. IDD4 depends on output loading and cycle rates. Specified values are obtained with the output open.
In addition to this, IDD4 is measured condition that addresses are changed only one time during tCK
(min.).
3. IDD5 is measured on condition that addresses are changed only one time during tCK (min.).
DC Characteristics 2 (TA = 0 to +70
°°°°C, VDD, VDDQ = 3.3V±±±±0.3V, VSS, VSSQ = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Note
Input leakage current
ILI
–1.0
1.0
µA
0
≤ VIN ≤ VDDQ, VDDQ = VDD,
All other pins not under test = 0V
Output leakage current
ILO
–1.5
1.5
µA
0
≤ VIN ≤ VDDQ, DOUT is disabled
Output high voltage
VOH
2.4
V
IOH = –2 mA
Output low voltage
VOL
0.4
V
IOL = 2 mA


Similar Part No. - EDS1232AATA-75L-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
644Kb / 53P
   128M bits SDRAM
More results

Similar Description - EDS1232AATA-75L-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDS6416AHTA ELPIDA-EDS6416AHTA Datasheet
696Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDS6416AHBH ELPIDA-EDS6416AHBH Datasheet
716Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDS6432AFTA ELPIDA-EDS6432AFTA Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com