Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD2508AKTA-5 Datasheet(PDF) 13 Page - Elpida Memory

Part # EDD2508AKTA-5
Description  256M bits DDR SDRAM (32M words x 8 bits, DDR400)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2508AKTA-5 Datasheet(HTML) 13 Page - Elpida Memory

Back Button EDD2508AKTA-5 Datasheet HTML 9Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 10Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 11Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 12Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 13Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 14Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 15Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 16Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 17Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
EDD2508AKTA-5
Preliminary Data Sheet E0349E60 (Ver. 6.0)
13
Command Operation
Command Truth Table
DDR SDRAM recognize the following commands specified by the /CS, /RAS, /CAS, /WE and address pins. All other
combinations than those in the table below are illegal.
CKE
Command
Symbol
n – 1 n
/CS
/RAS /CAS /WE BA1 BA0 AP
Address
Ignore command
DESL
H
H
H
×
×
×
×
×
×
×
No operation
NOP
H
H
L
H
H
H
×
×
×
×
Burst stop in read command
BST
H
H
L
H
H
L
×
×
×
×
Column address and read command
READ
H
H
L
H
L
H
V
V
L
V
Read with auto-precharge
READA
H
H
L
H
L
H
V
V
H
V
Column address and write command
WRIT
H
H
L
H
L
L
V
V
L
V
Write with auto-precharge
WRITA
H
H
L
H
L
L
V
V
H
V
Row address strobe and bank active
ACT
H
H
L
L
H
H
V
V
V
V
Precharge select bank
PRE
H
H
L
L
H
L
V
V
L
×
Precharge all bank
PALL
H
H
L
L
H
L
×
×
H
×
Refresh
REF
H
H
L
L
L
H
×
×
×
×
SELF
H
L
L
L
L
H
×
×
×
×
Mode register set
MRS
H
H
L
L
L
L
L
L
L
V
EMRS
H
H
L
L
L
L
L
H
L
V
Remark: H: VIH. L: VIL.
×: VIH or VIL V: Valid address input
Note: The CKE level must be kept for 1 CK cycle at least.
Ignore command [DESL]
When /CS is High at the cross point of the CK rising edge and the VREF level, every input are neglected and internal
status is held.
No operation [NOP]
As long as this command is input at the cross point of the CK rising edge and the VREF level, address and data
input are neglected and internal status is held.
Burst stop in read operation [BST]
This command stops a burst read operation, which is not applicable for a burst write operation.
Column address strobe and read command [READ]
This command starts a read operation. The start address of the burst read is determined by the column address
(See “Address Pins Table” in Pin Function) and the bank select address. After the completion of the read operation,
the output buffer becomes High-Z.
Read with auto-precharge [READA]
This command starts a read operation. After completion of the read operation, precharge is automatically executed.
Column address strobe and write command [WRIT]
This command starts a write operation. The start address of the burst write is determined by the column address
(See “Address Pins Table” in Pin Function) and the bank select address.
Write with auto-precharge [WRITA]
This command starts a write operation. After completion of the write operation, precharge is automatically executed.


Similar Part No. - EDD2508AKTA-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2508AKTA-5-E ELPIDA-EDD2508AKTA-5-E Datasheet
551Kb / 48P
256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2508AKTA-5B-E ELPIDA-EDD2508AKTA-5B-E Datasheet
551Kb / 48P
256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2508AKTA-5C-E ELPIDA-EDD2508AKTA-5C-E Datasheet
551Kb / 48P
256M bits DDR SDRAM (32M words x 8 bits, DDR400)
More results

Similar Description - EDD2508AKTA-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1216AATA-5 ELPIDA-EDD1216AATA-5 Datasheet
556Kb / 48P
128M bits DDR SDRAM (8M words x 16 bits, DDR400)
EDD2504AKTA ELPIDA-EDD2504AKTA Datasheet
441Kb / 49P
256M bits DDR SDRAM (64M words x 4 bits)
EDD2504AKTA-E ELPIDA-EDD2504AKTA-E Datasheet
555Kb / 49P
256M bits DDR SDRAM (64M words x 4 bits)
EDD2508AKTA-5-E ELPIDA-EDD2508AKTA-5-E Datasheet
551Kb / 48P
256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2516AKTA-5-E ELPIDA-EDD2516AKTA-5-E Datasheet
558Kb / 48P
256M bits DDR SDRAM (16M words x16 bits, DDR400)
EDD2516AKTA-E ELPIDA-EDD2516AKTA-E Datasheet
564Kb / 49P
256M bits DDR SDRAM (16M words x 16 bits)
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
256M bits SDRAM (16M words x 16 bits)
EDS2516CDTA ELPIDA-EDS2516CDTA Datasheet
703Kb / 50P
256M bits SDRAM (16M words x 16 bits)
EDS2532AABH-75 ELPIDA-EDS2532AABH-75 Datasheet
577Kb / 48P
256M bits SDRAM (8M words x 32 bits)
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
256M bits DDR SDRAM 256M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com