Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD1216AATA-5 Datasheet(PDF) 23 Page - Elpida Memory

Part # EDD1216AATA-5
Description  128M bits DDR SDRAM (8M words x 16 bits, DDR400)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD1216AATA-5 Datasheet(HTML) 23 Page - Elpida Memory

Back Button EDD1216AATA-5 Datasheet HTML 19Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 20Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 21Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 22Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 23Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 24Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 25Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 26Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 27Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
EDD1216AATA-5
Data Sheet E0443E40 (Ver. 4.0)
23
Read/Write Operations
Bank active
A read or a write operation begins with the bank active command [ACT]. The bank active command determines a
bank address and a row address. For the bank and the row, a read or a write command can be issued tRCD after
the ACT is issued.
Read operation
The burst length (BL), the /CAS latency (CL) and the burst type (BT) of the mode register are referred when a read
command is issued. The burst length (BL) determines the length of a sequential output data by the read command
that can be set to 2, 4, or 8. The starting address of the burst read is defined by the column address, the bank select
address which are loaded via the A0 to A11 and BA0, BA1 pins in the cycle when the read command is issued. The
data output timing are characterized by CL and tAC. The read burst start CL
• tCK + tAC (ns) after the clock rising
edge where the read command are latched. The DDR SDRAM output the data strobe through DQS simultaneously
with data. tRPRE prior to the first rising edge of the data strobe, the DQS are driven Low from VTT level. This low
period of DQS is referred as read preamble. The burst data are output coincidentally at both the rising and falling
edge of the data strobe. The DQ pins become High-Z in the next cycle after the burst read operation completed.
tRPST from the last falling edge of the data strobe, the DQS pins become High-Z. This low period of DQS is
referred as read postamble.
out0 out1
out0 out1 out2 out3
out0 out1 out2 out3 out4 out5 out6 out7
CK
/CK
Address
DQS
DQ
BL = 2
BL = 4
BL = 8
Command
CL = 3
BL: Burst length
t1
t0
t5
t6
t7
t8
t9
t10
tRCD
tRPRE
tRPST
ACT
NOP
NOP
NOP
READ
Row
Column
t11
Read Operation (Burst Length)


Similar Part No. - EDD1216AATA-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1216AATA-6B-E ELPIDA-EDD1216AATA-6B-E Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA-7A-E ELPIDA-EDD1216AATA-7A-E Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA-7B-E ELPIDA-EDD1216AATA-7B-E Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
More results

Similar Description - EDD1216AATA-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
EDD2508AKTA-5 ELPIDA-EDD2508AKTA-5 Datasheet
548Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD2508AKTA-5-E ELPIDA-EDD2508AKTA-5-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2516AKTA-5-E ELPIDA-EDD2516AKTA-5-E Datasheet
558Kb / 48P
   256M bits DDR SDRAM (16M words x16 bits, DDR400)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com