Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD1216AATA-5 Datasheet(PDF) 21 Page - Elpida Memory

Part # EDD1216AATA-5
Description  128M bits DDR SDRAM (8M words x 16 bits, DDR400)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD1216AATA-5 Datasheet(HTML) 21 Page - Elpida Memory

Back Button EDD1216AATA-5 Datasheet HTML 17Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 18Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 19Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 20Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 21Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 22Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 23Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 24Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 25Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
EDD1216AATA-5
Data Sheet E0443E40 (Ver. 4.0)
21
Operation of the DDR SDRAM
Power-up Sequence
(1)Apply power and maintain CKE at an LVCMOS low state (all other inputs are undefined).
Apply VDD before or at the same time as VDDQ.
Apply VDDQ before or at the same time as VTT and VREF.
(2) Start clock and maintain stable condition for a minimum of 200 µs.
(3) After the minimum 200 µs of stable power and clock (CK, /CK), apply NOP and take CKE high.
(4) Issue precharge all command for the device.
(5) Issue EMRS to enable DLL.
(6) Issue a mode register set command (MRS) for "DLL reset" with bit A8 set to high (An additional 200 cycles of
clock input is required to lock the DLL after every DLL reset).
(7) Issue precharge all command for the device.
(8) Issue 2 or more auto-refresh commands.
(9) Issue a mode register set command to initialize device operation with bit A8 set to low in order to avoid resetting
the DLL.
Command
EMRS
PALL
MRS
REF
2 cycles (min.)
2 cycles (min.)
200 cycles (min)
2 cycles (min.)
2 cycles (min.)
tRP
tRFC
tRFC
PALL
MRS
REF
REF
Any
command
DLL enable
DLL reset with A8 = High
CK
/CK
(4)
(5)
(6)
(7)
(8)
(9)
Disable DLL reset with A8 = Low
Power-up Sequence after CKE Goes High
Mode Register and Extended Mode Register Set
There are two mode registers, the mode register and the extended mode register so as to define the operating
mode. Parameters are set to both through the A0 to the A11 and BA0, BA1 pins by the mode register set command
[MRS] or the extended mode register set command [EMRS]. The mode register and the extended mode register are
set by inputting signal via the A0 to the A11 and BA0, BA1 during mode register set cycles. BA0 and BA1 determine
which one of the mode register or the extended mode register are set. Prior to a read or a write operation, the mode
register must be set.
Remind that no other parameters shown in the table bellow are allowed to input to the registers.
A2 A1 A0
Burst Length
00
1
2
01
0
4
01
1
8
BT=0 BT=1
2
4
8
A3
0
Sequential
1
Interleave
Burst Type
A6 A5 A4 CAS Latency
011
3
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
00
0
0
DR
LMODE
BT
BL
A8
0No
1
Yes
DLL Reset
A11
A10
BA1
BA0
0
MRS
Mode Register Set [MRS] (BA0 = 0, BA1 = 0)


Similar Part No. - EDD1216AATA-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1216AATA-6B-E ELPIDA-EDD1216AATA-6B-E Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA-7A-E ELPIDA-EDD1216AATA-7A-E Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA-7B-E ELPIDA-EDD1216AATA-7B-E Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
More results

Similar Description - EDD1216AATA-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
EDD2508AKTA-5 ELPIDA-EDD2508AKTA-5 Datasheet
548Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD2508AKTA-5-E ELPIDA-EDD2508AKTA-5-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2516AKTA-5-E ELPIDA-EDD2516AKTA-5-E Datasheet
558Kb / 48P
   256M bits DDR SDRAM (16M words x16 bits, DDR400)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com