![]() |
Electronic Components Datasheet Search |
|
EBE51UD8ABFA Datasheet(PDF) 17 Page - Elpida Memory |
|
|
EBE51UD8ABFA Datasheet(HTML) 17 Page - Elpida Memory |
17 / 22 page ![]() EBE51UD8ABFA Data Sheet E0357E50 (Ver. 5.0) 17 ODT AC Electrical Characteristics (DDR2 SDRAM Component Specification) Parameter Symbol min. max. Unit Notes ODT turn-on delay tAOND 2 2 tCK ODT turn-on tAON tAC(min) tAC(max) + 1000 ps 1 ODT turn-on (power down mode) tAONPD tAC(min) + 2000 2tCK + tAC(max) + 1000 ps ODT turn-off delay tAOFD 2.5 2.5 tCK ODT turn-off tAOF tAC(min) tAC(max) + 600 ps 2 ODT turn-off (power down mode) tAOFPD tAC(min) + 2000 2.5tCK + tAC(max) + 1000 ps ODT to power down entry latency tANPD 3 3 tCK ODT power down exit latency tAXPD 8 8 tCK Notes: 1. ODT turn on time min is when the device leaves high impedance and ODT resistance begins to turn on. ODT turn on time max is when the ODT resistance is fully on. Both are measured from tAOND. 2. ODT turn off time min is when the device starts to turn off ODT resistance. ODT turn off time max is when the bus is in high impedance. Both are measured from tAOFD. AC Input Test Conditions Parameter Symbol Value Unit Notes Input reference voltage VREF 0.5 × VDDQ V 1 Input signal maximum peak to peak swing VSWING(max.) 1.0 V 1 Input signal maximum slew rate SLEW 1.0 V/ns 2, 3 Notes: 1. Input waveform timing is referenced to the input signal crossing through the VREF level applied to the device under test. 2. The input signal minimum slew rate is to be maintained over the range from VIL(DC) (max.) to VIH(AC) (min.) for rising edges and the range from VIH(DC) (min.) to VIL(AC) (max.) for falling edges as shown in the below figure. 3. AC timings are referenced with input waveforms switching from VIL(AC) to VIH(AC) on the positive transitions and VIH(AC) to VIL(AC) on the negative transitions. VSWING(max.) ∆TR ∆TF Start of falling edge input timing Start of rising edge input timing VIH (DC)(min.) − VIL (AC)(max.) ∆TF Falling slew = VDDQ VIH (AC)(min.) VIH (DC)(min.) VIL (DC)(max.) VIL (AC)(max.) VSS VREF VIH (AC) min. − VIL (DC)(max.) ∆TR Rising slew = AC Input Test Signal Wave forms VTT Measurement point DQ RT =25 Ω Output Load |
Similar Part No. - EBE51UD8ABFA |
|
Similar Description - EBE51UD8ABFA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |