Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE51UD8ABFA Datasheet(PDF) 16 Page - Elpida Memory

Part # EBE51UD8ABFA
Description  512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51UD8ABFA Datasheet(HTML) 16 Page - Elpida Memory

Back Button EBE51UD8ABFA Datasheet HTML 12Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 13Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 14Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 15Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 16Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 17Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 18Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 19Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 20Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
EBE51UD8ABFA
Data Sheet E0357E50 (Ver. 5.0)
16
-5C
-4A
Frequency (Mbps)
533
400
Parameter
Symbol min.
max.
min.
max.
Unit
Notes
Write recovery time
tWR
15
15
ns
Auto precharge write recovery +
precharge time
tDAL
(tWR/tCK)+
(tRP/tCK)
(tWR/tCK)+
(tRP/tCK)
tCK
1
Internal write to read command delay
tWTR
7.5
10
ns
Internal read to precharge command
delay
tRTP
7.5
7.5
ns
Exit self refresh to a non-read command tXSNR
tRFC + 10
tRFC + 10
ns
Exit self refresh to a read command
tXSRD
200
200
tCK
Exit precharge power down to any non-
read command
tXP
2
2
tCK
Exit active power down to read
command
tXARD
2
2
tCK
3
Exit active power down to read
command
(slow exit/low power mode)
tXARDS 6
− AL
6
− AL
tCK
2, 3
CKE minimum pulse width (high and
low pulse width)
tCKE
3
3
tCK
Output impedance test driver delay
tOIT
0
12
0
12
ns
Auto refresh to active/auto refresh
command time
tRFC
105
105
ns
Average periodic refresh interval
tREFI
7.8
7.8
µs
Minimum time clocks remains ON after
CKE asynchronously drops low
tDELAY tIS + tCK + tIH
tIS + tCK + tIH
ns
Notes: 1. For each of the terms above, if not already an integer, round to the next higher integer.
2. AL: Additive Latency.
3. MRS A12 bit defines which active power down exit timing to be applied.
4. The figures of Input Waveform Timing 1 and 2 are referenced from the input signal crossing at the
VIH(AC) level for a rising signal and VIL(AC) for a falling signal applied to the device under test.
5. The figures of Input Waveform Timing 1 and 2 are referenced from the input signal crossing at the
VIH(DC) level for a rising signal and VIL(DC) for a falling signal applied to the device under test.
DQS
/DQS
tDS
tDH
tDS
tDH
VDDQ
VIH (AC)(min.)
VIH (DC)(min.)
VIL (DC)(max.)
VIL (AC)(max.)
VSS
VREF
CK
/CK
tIS
tIH
tIS
tIH
VDDQ
VIH (AC)(min.)
VIH (DC)(min.)
VIL (DC)(max.)
VIL (AC)(max.)
VSS
VREF
Input Waveform Timing 1 (tDS, tDH)
Input Waveform Timing 2 (tIS, tIH)


Similar Part No. - EBE51UD8ABFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51UD8ABFV ELPIDA-EBE51UD8ABFV Datasheet
236Kb / 22P
512MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE51UD8ABFV-AE-E ELPIDA-EBE51UD8ABFV-AE-E Datasheet
236Kb / 22P
512MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE51UD8ABFV-BE-E ELPIDA-EBE51UD8ABFV-BE-E Datasheet
236Kb / 22P
512MB Unbuffered DDR2 SDRAM HYPER DIMM?
More results

Similar Description - EBE51UD8ABFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA ELPIDA-EBE51ED8AEFA Datasheet
186Kb / 22P
512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA-6 ELPIDA-EBE51ED8AEFA-6 Datasheet
194Kb / 22P
512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AGFA ELPIDA-EBE51ED8AGFA Datasheet
194Kb / 23P
512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8ABFA ELPIDA-EBE51RD8ABFA Datasheet
174Kb / 22P
512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AGFA ELPIDA-EBE51RD8AGFA Datasheet
198Kb / 23P
512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51UD8AEFA ELPIDA-EBE51UD8AEFA Datasheet
223Kb / 22P
512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA-6 ELPIDA-EBE51UD8AEFA-6 Datasheet
229Kb / 22P
512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AGFA ELPIDA-EBE51UD8AGFA Datasheet
231Kb / 23P
512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com