Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE51UD8ABFA Datasheet(PDF) 14 Page - Elpida Memory

Part # EBE51UD8ABFA
Description  512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51UD8ABFA Datasheet(HTML) 14 Page - Elpida Memory

Back Button EBE51UD8ABFA Datasheet HTML 10Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 11Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 12Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 13Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 14Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 15Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 16Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 17Page - Elpida Memory EBE51UD8ABFA Datasheet HTML 18Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
EBE51UD8ABFA
Data Sheet E0357E50 (Ver. 5.0)
14
ODT DC Electrical Characteristics (TC = 0 to +85
°°°°C, VDD, VDDQ = 1.8V ±±±± 0.1V)
(DDR2 SDRAM Component Specification)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Rtt effective impedance value for EMRS (A6, A2)
= 0, 1; 75 Ω
Rtt1(eff)
60
75
90
1
Rtt effective impedance value for EMRS (A6, A2)
= 1, 0; 150 Ω
Rtt2(eff)
120
150
180
1
Deviation of VM with respect to VDDQ/2
∆VM
−3.75
+3.75
%
1
Note: 1. Test condition for Rtt measurements.
Measurement Definition for Rtt(eff)
Apply VIH (AC) and VIL (AC) to test pin separately, then measure current I(VIH(AC)) and I(VIL(AC)) respectively.
VIH(AC), and VDDQ values defined in SSTL
_18.
VIH(AC)
− VIL(AC)
I(VIH(AC))
− I(VIL(AC))
Rtt(eff) =
Measurement Definition for
∆∆∆∆VM
Measure voltage (VM) at test pin (midpoint) with no load.
2
× VM
VDDQ
∆VM =
× 100%
− 1
OCD Default Characteristics (TC = 0 to +85
°°°°C, VDD, VDDQ = 1.8V ±±±± 0.1V)
(DDR2 SDRAM Component Specification)
Parameter
min.
typ.
max.
Unit
Notes
Output impedance
12.6
18
23.4
1
Pull-up and pull-down mismatch
0
4
1, 2
Output slew rate
1.5
4.5
V/ns
3, 4
Notes: 1. Impedance measurement condition for output source DC current: VDDQ = 1.7V; VOUT = 1420mV;
(VOUT
−VDDQ)/IOH must be less than 23.4Ω for values of VOUT between VDDQ and VDDQ−280mV.
Impedance measurement condition for output sink DC current: VDDQ = 1.7V; VOUT = 280mV;
VOUT/IOL must be less than 23.4
Ω for values of VOUT between 0V and 280mV.
2. Mismatch is absolute value between pull up and pull down, both are measured at same temperature and
voltage.
3. Slew rate measured from VIL(AC) to VIH(AC).
4. The absolute value of the slew rate as measured from DC to DC is equal to or greater than the slew rate
as measured from AC to AC. This is guaranteed by design and characterization.
Pin Capacitance (TA = 25°C, VDD = 1.8V ± 0.1V)
(DDR2 SDRAM Component Specification)
Parameter
Symbol
Pins
max.
min.
Unit
Note
Input capacitance
CI1
Address, /RAS, /CAS,
/WE, /CS, CKE, ODT
1
2
pF
Input capacitance
CI2
CK, /CK
1
2
pF
Data and DQS input/output
capacitance
CO
DQ, DQS, /DQS, DM
3
4
pF


Similar Part No. - EBE51UD8ABFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51UD8ABFV ELPIDA-EBE51UD8ABFV Datasheet
236Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE51UD8ABFV-AE-E ELPIDA-EBE51UD8ABFV-AE-E Datasheet
236Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE51UD8ABFV-BE-E ELPIDA-EBE51UD8ABFV-BE-E Datasheet
236Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
More results

Similar Description - EBE51UD8ABFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51UD8AEFA-6 ELPIDA-EBE51UD8AEFA-6 Datasheet
229Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA ELPIDA-EBE51UD8AEFA Datasheet
223Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AGFA ELPIDA-EBE51UD8AGFA Datasheet
231Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AGFA ELPIDA-EBE51ED8AGFA Datasheet
194Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA-6 ELPIDA-EBE51ED8AEFA-6 Datasheet
194Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA ELPIDA-EBE51ED8AEFA Datasheet
186Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8ABFA ELPIDA-EBE51RD8ABFA Datasheet
174Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AGFA ELPIDA-EBE51RD8AGFA Datasheet
198Kb / 23P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com