Electronic Components Datasheet Search |
|
EBE51UD8ABFA Datasheet(PDF) 12 Page - Elpida Memory |
|
|
EBE51UD8ABFA Datasheet(HTML) 12 Page - Elpida Memory |
12 / 22 page EBE51UD8ABFA Data Sheet E0357E50 (Ver. 5.0) 12 Parameter Symbol Grade max. Unit Test condition -5C 2000 Auto-refresh current IDD5 -4A 1840 mA tCK = tCK (IDD); Refresh command at every tRFC (IDD) interval; CKE is H, /CS is H between valid commands; Other control and address bus inputs are SWITCHING; Data bus inputs are SWITCHING Self-refresh current IDD6 48 mA Self Refresh Mode; CK and /CK at 0V; CKE ≤ 0.2V; Other control and address bus inputs are FLOATING; Data bus inputs are FLOATING -5C 2560 Operating current (Bank interleaving) IDD7 -4A 2400 mA all bank interleaving reads, IOUT = 0mA; BL = 4, CL = CL(IDD), AL = tRCD (IDD) −1 × tCK (IDD); tCK = tCK (IDD), tRC = tRC (IDD), tRRD = tRRD(IDD), tRCD = 1 × tCK (IDD); CKE is H, CS is H between valid commands; Address bus inputs are STABLE during DESELECTs; Data pattern is same as IDD4W; Notes: 1. IDD specifications are tested after the device is properly initialized. 2. Input slew rate is specified by AC Input Test Condition. 3. IDD parameters are specified with ODT disabled. 4. Data bus consists of DQ, DM, DQS, /DQS, RDQS, /RDQS, LDQS, /LDQS, UDQS, and /UDQS. IDD values must be met with all combinations of EMRS bits 10 and 11. 5. Definitions for IDD L is defined as VIN ≤VIL (AC) (max.) H is defined as VIN ≥VIH (AC) (min.) STABLE is defined as inputs stable at an H or L level FLOATING is defined as inputs at VREF = VDDQ/2 SWITCHING is defined as: inputs changing between H and L every other clock cycle (once per two clocks) for address and control signals, and inputs changing between H and L every other data transfer (once per clock) for DQ signals not including masks or strobes. 6. Refer to AC Timing for IDD Test Conditions. AC Timing for IDD Test Conditions For purposes of IDD testing, the following parameters are to be utilized. DDR2-533 DDR2-400 Parameter 4-4-4 3-3-3 Unit CL(IDD) 4 3 tCK tRCD(IDD) 15 15 ns tRC(IDD) 55 55 ns tRRD(IDD) 7.5 7.5 ns tCK(IDD) 3.75 5 ns tRAS(min.)(IDD) 40 40 ns tRAS(max.)(IDD) 70000 70000 ns tRP(IDD) 15 15 ns tRFC(IDD) 105 105 ns |
Similar Part No. - EBE51UD8ABFA |
|
Similar Description - EBE51UD8ABFA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |