![]() |
Electronic Components Datasheet Search |
|
EBE51UD8ABFA Datasheet(PDF) 10 Page - Elpida Memory |
|
|
EBE51UD8ABFA Datasheet(HTML) 10 Page - Elpida Memory |
10 / 22 page ![]() EBE51UD8ABFA Data Sheet E0357E50 (Ver. 5.0) 10 Electrical Specifications • All voltages are referenced to VSS (GND). Absolute Maximum Ratings Parameter Symbol Value Unit Note Voltage on any pin relative to VSS VT –0.5 to +2.3 V Supply voltage relative to VSS VDD –0.5 to +2.3 V Short circuit output current IOS 50 mA Power dissipation PD 8 W Operating case temperature TC 0 to +85 °C 1 Storage temperature Tstg –55 to +100 °C Note: DDR2 SDRAM component specification. Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could cause permanent damage. The device is not meant to be operated under conditions outside the limits described in the operational section of this specification Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. DC Operating Conditions (TC = 0 to +85°C) (DDR2 SDRAM Component Specification) Parameter Symbol min. typ. max. Unit Notes Supply voltage VDD, VDDQ 1.7 1.8 1.9 V 4 VSS 0 0 0 V VDDSPD 1.7 — 3.6 V Input reference voltage VREF 0.49 × VDDQ 0.50 × VDDQ 0.51 × VDDQ V 1, 2 Termination voltage VTT VREF − 0.04 VREF VREF + 0.04 V 3 DC input logic high VIH (DC) VREF + 0.125 VDDQ + 0.3V V DC input low VIL (DC) −0.3 VREF – 0.125 V AC input logic high VIH (AC) VREF + 0.250 V AC input low VIL (AC) VREF − 0.250 V Notes: 1. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically the value of VREF is expected to be about 0.5 × VDDQ of the transmitting device and VREF are expected to track variations in VDDQ. 2. Peak to peak AC noise on VREF may not exceed ±2% VREF (DC). 3. VTT of transmitting device must track VREF of receiving device. 4. VDDQ must be equal to VDD. |
Similar Part No. - EBE51UD8ABFA |
|
Similar Description - EBE51UD8ABFA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |