Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE51RD8ABFA Datasheet(PDF) 15 Page - Elpida Memory

Part # EBE51RD8ABFA
Description  512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51RD8ABFA Datasheet(HTML) 15 Page - Elpida Memory

Back Button EBE51RD8ABFA Datasheet HTML 11Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 12Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 13Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 14Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 15Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 16Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 17Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 18Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 19Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
EBE51RD8ABFA
Data Sheet E0402E40 (Ver. 4.0)
15
AC Characteristics (TC = 0 to +85
°°°°C, VDD, VDDQ = 1.8V ± 0.1V, VSS = 0V)
(DDR2 SDRAM Component Specification)
-5C
-4A
Frequency (Mbps)
533
400
Parameter
Symbol
min.
max.
min.
max.
Unit
Notes
/CAS latency
CL
4
5
3
5
tCK
Active to read or write command delay
tRCD
15
15
ns
Precharge command period
tRP
15
15
ns
Active to active/auto refresh command
time
tRC
55
55
ns
DQ output access time from CK, /CK
tAC
−500
+500
−600
+600
ps
DQS output access time from CK, /CK
tDQSCK
−450
+450
−500
+500
ps
CK high-level width
tCH
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
0.45
0.55
tCK
CK half period
tHP
min.
(tCL, tCH)
min.
(tCL, tCH)
ps
Clock cycle time
tCK
3750
8000
5000
8000
ps
DQ and DM input hold time
tDH
225
275
ps
5
DQ and DM input setup time
tDS
100
150
ps
4
Control and Address input pulse width
for each input
tIPW
0.6
0.6
tCK
DQ and DM input pulse width for each
input
tDIPW
0.35
0.35
tCK
Data-out high-impedance time from
CK,/CK
tHZ
tAC max.
tAC max.
ps
Data-out low-impedance time from
CK,/CK
tLZ
tAC min.
tAC max.
tAC min.
tAC max.
ps
DQS-DQ skew for DQS and associated
DQ signals
tDQSQ
300
350
ps
DQ hold skew factor
tQHS
400
450
ps
DQ/DQS output hold time from DQS
tQH
tHP – tQHS
tHP – tQHS
ps
Write command to first DQS latching
transition
tDQSS
WL
− 0.25
WL + 0.25
WL
− 0.25
WL + 0.25
tCK
DQS input high pulse width
tDQSH
0.35
0.35
tCK
DQS input low pulse width
tDQSL
0.35
0.35
tCK
DQS falling edge to CK setup time
tDSS
0.2
0.2
tCK
DQS falling edge hold time from CK
tDSH
0.2
0.2
tCK
Mode register set command cycle time
tMRD
2
2
tCK
Write preamble setup time
tWPRES 0
0
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK
Write preamble
tWPRE
0.25
0.25
tCK
Address and control input hold time
tIH
375
475
ps
5
Address and control input setup time
tIS
250
350
ps
4
Read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK
Read postamble
tRPST
0.4
0.6
0.4
0.6
tCK
Active to precharge command
tRAS
40
70000
40
70000
ns
Active to auto-precharge delay
tRAP
tRCD min.
tRCD min.
ns


Similar Part No. - EBE51RD8ABFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-4A-E ELPIDA-EBE51RD8AEFA-4A-E Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-5C-E ELPIDA-EBE51RD8AEFA-5C-E Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-6 ELPIDA-EBE51RD8AEFA-6 Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AEFA-6E-E ELPIDA-EBE51RD8AEFA-6E-E Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE51RD8ABFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AGFA ELPIDA-EBE51RD8AGFA Datasheet
198Kb / 23P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AGFA ELPIDA-EBE51ED8AGFA Datasheet
194Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA-6 ELPIDA-EBE51ED8AEFA-6 Datasheet
194Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA ELPIDA-EBE51ED8AEFA Datasheet
186Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA ELPIDA-EBD51RC4AKFA Datasheet
198Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
EBD51RC4AKFA-E ELPIDA-EBD51RC4AKFA-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51UD8ABFA ELPIDA-EBE51UD8ABFA Datasheet
206Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA-6 ELPIDA-EBE51UD8AEFA-6 Datasheet
229Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com