Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE51RD8ABFA Datasheet(PDF) 1 Page - Elpida Memory

Part # EBE51RD8ABFA
Description  512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51RD8ABFA Datasheet(HTML) 1 Page - Elpida Memory

  EBE51RD8ABFA Datasheet HTML 1Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 2Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 3Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 4Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 5Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 6Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 7Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 8Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Document No. E0402E40 (Ver. 4.0)
Date Published July 2004 (K) Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2003-2004
DATA SHEET
512MB Registered DDR2 SDRAM DIMM
EBE51RD8ABFA (64M words
×××× 72 bits, 1 Rank)
Description
The EBE51RD8ABFA is a 64M words
× 72 bits, 1 rank
DDR2 SDRAM Module, mounting 9 pieces of DDR2
SDRAM sealed in FBGA (
µBGA) package. Read and
write operations are performed at the cross points of
the CK and the /CK. This high-speed data transfer is
realized by the 4bits prefetch-pipelined architecture.
Data strobe (DQS and /DQS) both for read and write
are available for high speed and reliable data bus
design. By setting extended mode register, the on-chip
Delay Locked Loop (DLL) can be set enable or disable.
This module provides high density mounting without
utilizing
surface
mount
technology.
Decoupling
capacitors are mounted beside each FBGA (
µBGA) on
the module board.
Note: Do not push the components or drop the
modules in order to avoid mechanical defects,
which may result in electrical defects.
Features
• 240-pin socket type dual in line memory module
(DIMM)
 PCB height: 30.0mm
 Lead pitch: 1.0mm
 Lead-free
• 1.8V power supply
• Data rate: 533Mbps/400Mbps (max.)
• 1.8 V (SSTL_18 compatible) I/O
• Double-data-rate architecture: two data transfers per
clock cycle
• Bi-directional, data strobe (DQS and /DQS) is
transmitted /received with data, to be used in
capturing data at the receiver
• DQS is edge aligned with data for READs; center
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
referenced to both edges of DQS
• Four internal banks for concurrent operation
(Component)
• Data mask (DM) for write data
• Burst length: 4, 8
• /CAS latency (CL): 3, 4, 5
• Auto precharge option for each burst access
• Auto refresh and self refresh modes
• 7.8µs average periodic refresh interval
• Posted CAS by programmable additive latency for
better command and data bus efficiency
• Off-Chip-Driver Impedance Adjustment and On-Die-
Termination for better signal quality
• /DQS can be disabled for single-ended Data Strobe
operation
• 1 piece of PLL clock driver, 1 pieces of register driver
and 1 piece of serial EEPROM (2k bits EEPROM) for
Presence Detect (PD)


Similar Part No. - EBE51RD8ABFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-4A-E ELPIDA-EBE51RD8AEFA-4A-E Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-5C-E ELPIDA-EBE51RD8AEFA-5C-E Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-6 ELPIDA-EBE51RD8AEFA-6 Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AEFA-6E-E ELPIDA-EBE51RD8AEFA-6E-E Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE51RD8ABFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AGFA ELPIDA-EBE51RD8AGFA Datasheet
198Kb / 23P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AGFA ELPIDA-EBE51ED8AGFA Datasheet
194Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA-6 ELPIDA-EBE51ED8AEFA-6 Datasheet
194Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA ELPIDA-EBE51ED8AEFA Datasheet
186Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA ELPIDA-EBD51RC4AKFA Datasheet
198Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
EBD51RC4AKFA-E ELPIDA-EBD51RC4AKFA-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51UD8ABFA ELPIDA-EBE51UD8ABFA Datasheet
206Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA-6 ELPIDA-EBE51UD8AEFA-6 Datasheet
229Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com