Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P130-000 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P130-000
Description  HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P130-000 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P130-000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P130-000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
MODEL NUMBER: P130-000
Description
Tripp Lite's HDMI Female to DVI-D Male Adapter allows newer HDMI cables to plug into DVI equipment.
Gold-plated connectors and 24K Gold contacts, along with a molded, rubberized plastic housing, assure
long life use. Slotted thumbscrews allow for easy installation in close quarters. Supports computer video
resolutions up to 1920 x 1200, or HD resolutions up to 1920 x 1080 (1080p).
Features
Converts DVI equipment to HDMI cabling
q
Supports computer video resolutions up to 1920 x 1200, or HD resolutions up to 1920 x 1080 (1080p)
q
24K Gold contacts
q
Impact resistant molded rubber shell
q
Slim design for tight spaces
q
Highlights
Converts an HDMI Male
connector into a DVI-D Male
connector
q
Supports computer video
resolutions up to 1920 x 1200,
or HD resolutions up to 1920 x
1080 (1080p)
q
Compact size for installation in
tight spaces
q
System Requirements
Digital video equipment with DVI
Female connections
q
Package Includes
HDMI Female to DVI Male
Adapter
q
OVERVIEW
UPC Code
037332125897
PHYSICAL
Color
Black
Shipping Dimensions (hwd / cm)
14.99 x 9.91 x 1.27
Shipping Dimensions (hwd / in.)
5.90 x 3.90 x 0.50
Shipping Weight (kg)
0.00
Shipping Weight (lbs.)
0.00
1 / 2


Similar Part No. - P130-000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P130-000-AUD4K6 TRIPPLITE-P130-000-AUD4K6 Datasheet
165Kb / 3P
4K HDMI Audio Extractor with TOSLINK, RCA and 3.5 mm Stereo Output, 7.1 Channel, HDCP 2.2, 4K x 2K @ 60 Hz
P130-000-AUDIO TRIPPLITE-P130-000-AUDIO Datasheet
493Kb / 2P
UHD 4K x 2K 30 Hz HDMI Audio De-Embedder Extractor
P130-000-COMP TRIPPLITE-P130-000-COMP Datasheet
492Kb / 2P
HDMI to Composite Video with Audio Converter
P130-000-DP TRIPPLITE-P130-000-DP Datasheet
503Kb / 2P
HDMI/DVI to DisplayPort Active Converter, HDMI to DisplayPort (F/F), 1920 x 1200 (1080p)
More results

Similar Description - P130-000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P13208N TRIPPLITE-P13208N Datasheet
478Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P566012 TRIPPLITE-P566012 Datasheet
499Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 12-ft
P566006 TRIPPLITE-P566006 Datasheet
500Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 6-ft
P566010 TRIPPLITE-P566010 Datasheet
499Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 10-ft
P130-08N TRIPPLITE-P130-08N Datasheet
155Kb / 2P
HDMI to DVI Adapter Cable (HDMI to DVI-D F/M), 8-in.
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P132-08N TRIPPLITE-P132-08N Datasheet
157Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in.
logo
IOGEAR
GHDDVIC4K3 IOGEAR-GHDDVIC4K3 Datasheet
162Kb / 2P
HDMI (M) to DVI-D (M) Adapter Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com