Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5035664102 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5035664102
Description  Easy-On FPC Connector, 0.30mm Pitch, Right-Angle, Bottom Contact, 0.95mm Height, 41 Circuits, Gold over Nickel Plating
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5035664102 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5035664102 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/24/2019
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5035664102
Status:
Active
Overview:
FFC-FPC (SMT)
Description:
Easy-On FPC Connector, 0.30mm Pitch, Right-Angle, Bottom Contact, 0.95mm Height,
41 Circuits, Gold over Nickel Plating
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
FFC/FPC Connectors
Series
503566
Overview
FFC-FPC (SMT)
Product Name
Easy-On
UPC
191128129886
Physical
Actuator Type
Flip
Circuits (Loaded)
41
Circuits (maximum)
41
Color - Resin
Natural
Contact Position
Bottom
Durability (mating cycles max)
10
Mated Height
0.95mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold over Nickel
Material - Resin
Liquid Crystal Polymer
Net Weight
58.724/mg
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Mounting
Surface Mount
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
0.30mm
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40° to +105°C
Wire/Cable Type
FPC only
Electrical
Current - Maximum per Contact
0.2A
Voltage - Maximum
50V
Material Info
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/88/2018 (15
January 2019)
Halogen-Free
Status
Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
503566 Series
This document was generated on 10/24/2019
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5035664102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5035664302 MOLEX1-5035664302 Datasheet
46Kb / 1P
Easy-On FPC Connector, 0.30mm Pitch, Right-Angle, Bottom Contact, 0.95mm Height, 43 Circuits, Gold over Nickel Plating
5035664502 MOLEX1-5035664502 Datasheet
46Kb / 1P
Easy-On FPC Connector, 0.30mm Pitch, Right-Angle, Bottom Contact, 0.95mm Height, 45 Circuits, Gold over Nickel Plating
More results

Similar Description - 5035664102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5035663302 MOLEX1-5035663302 Datasheet
46Kb / 1P
Easy-On FPC Connector, 0.30mm Pitch, Right-Angle, Bottom Contact, 0.95mm Height,Gold over Nickel Plating
5035664302 MOLEX1-5035664302 Datasheet
46Kb / 1P
Easy-On FPC Connector, 0.30mm Pitch, Right-Angle, Bottom Contact, 0.95mm Height, 43 Circuits, Gold over Nickel Plating
5035662702 MOLEX1-5035662702 Datasheet
46Kb / 1P
Easy-On FPC Connector, 0.30mm Pitch, Right-Angle, Bottom Contact, 0.95mm Height,27 Circuits, Gold over Nickel Plating
5035663102 MOLEX1-5035663102 Datasheet
46Kb / 1P
Easy-On FPC Connector, 0.30mm Pitch, Right-Angle, Bottom Contact, 0.95mm Height 31 Circuits, Gold over Nickel Plating
5035663902 MOLEX1-5035663902 Datasheet
46Kb / 1P
Easy-On FPC Connector, 0.30mm Pitch, Right-Angle, Bottom Contact, 0.95mm Height,39 Circuits, Gold over Nickel Plating
5035665102 MOLEX1-5035665102 Datasheet
46Kb / 1P
Easy-on FPC Connector, 0.30mm Pitch, Right-Angle, Bottom Contact, 0.95mm Height,51 Circuits, Gold over Nickel Plating
5035663502 MOLEX1-5035663502 Datasheet
46Kb / 1P
Easy-On FPC Connector, 0.30mm Pitch, Right-Angle, Bottom Contact, 0.95mm Height, 35 Circuits, Gold over Nickel Plating
5035664502 MOLEX1-5035664502 Datasheet
46Kb / 1P
Easy-On FPC Connector, 0.30mm Pitch, Right-Angle, Bottom Contact, 0.95mm Height, 45 Circuits, Gold over Nickel Plating
5035663702 MOLEX1-5035663702 Datasheet
46Kb / 1P
Easy-On FPC Connector, 0.30mm Pitch, Right-Angle, Bottom Contact, 0.95mm Pitch,37 Circuits, Gold over Nickel Plating
5035661302 MOLEX1-5035661302 Datasheet
46Kb / 1P
Easy-On FPC Connector, 0.30mm Pitch, Right-Angle, Bottom Contact, 0.95mm Height
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com