Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMZB550UNE Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PMZB550UNE
Description  30 V, N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMZB550UNE Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PMZB550UNE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 11Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 12Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 13Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PMZB550UNE
30 V, N-channel Trench MOSFET
PMZB550UNE
All information provided in this document is subject to legal disclaimers.
Product data sheet
25 March 2015
10 / 15
12. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT883B
sot883b_po
11-11-02
12-01-03
Unit
mm
max
nom
min
0.40
0.37
0.34
0.04
0.55
0.50
0.47
0.65
0.60
0.55
1.05
1.00
0.95
0.65
0.30
0.25
0.22
A(1)
Dimensions
Note
1. Including plating thickness
Leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.37 mm
SOT883B
A1
b
0.20
0.15
0.12
b1
D
E
e
0.35
e1
L
0.30
0.25
0.22
L1
scale
L (2x)
E
2
3
1
b (2x)
b1
A1
A
D
L1
0
0.5
1 mm
e1
e
Fig. 19. Package outline DFN1006B-3 (SOT883B)


Similar Part No. - PMZB550UNE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMZB550UNE PHILIPS-PMZB550UNE_15 Datasheet
224Kb / 15P
   30 V, N-channel Trench MOSFET
25 March 2015
More results

Similar Description - PMZB550UNE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZ550UNE NEXPERIA-PMZ550UNE Datasheet
713Kb / 15P
   30 V, N-channel Trench MOSFET
PMV20XNE NEXPERIA-PMV20XNE Datasheet
720Kb / 15P
   30 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMZB550UNE PHILIPS-PMZB550UNE_15 Datasheet
224Kb / 15P
   30 V, N-channel Trench MOSFET
25 March 2015
PMZ390UNE PHILIPS-PMZ390UNE_15 Datasheet
221Kb / 14P
   30 V, N-channel Trench MOSFET
12 March 2015
PMZ550UNE PHILIPS-PMZ550UNE_15 Datasheet
224Kb / 15P
   30 V, N-channel Trench MOSFET
25 March 2015
PMPB11EN PHILIPS-PMPB11EN_15 Datasheet
273Kb / 15P
   30 V N-channel Trench MOSFET
14 January 2014
logo
Nexperia B.V. All right...
PMV25ENEA NEXPERIA-PMV25ENEA Datasheet
377Kb / 16P
   30 V, N-channel Trench MOSFET
BUK6D72-30E NEXPERIA-BUK6D72-30E Datasheet
285Kb / 15P
   30 V, N-channel Trench MOSFET
29 April 2019
BUK6D38-30E NEXPERIA-BUK6D38-30E Datasheet
284Kb / 15P
   30 V, N-channel Trench MOSFET
12 April 2019
BUK4D60-30 NEXPERIA-BUK4D60-30 Datasheet
301Kb / 15P
   30 V, N-channel Trench MOSFET
7 July 2020
PMPB15ENE NEXPERIA-PMPB15ENE Datasheet
294Kb / 14P
   30 V, N-channel Trench MOSFET
30 V, N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com