Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMZB550UNE Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PMZB550UNE
Description  30 V, N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMZB550UNE Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PMZB550UNE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMZB550UNE Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PMZB550UNE
30 V, N-channel Trench MOSFET
PMZB550UNE
All information provided in this document is subject to legal disclaimers.
Product data sheet
25 March 2015
6 / 15
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID = 250 µA; VGS = 0 V; Tj = 25 °C
30
-
-
V
VGSth
gate-source threshold
voltage
ID = 250 µA; VDS = VGS; Tj = 25 °C
0.45
0.7
0.95
V
IDSS
drain leakage current
VDS = 30 V; VGS = 0 V; Tj = 25 °C
-
-
1
µA
VGS = 8 V; VDS = 0 V; Tj = 25 °C
-
-
5
µA
VGS = -8 V; VDS = 0 V; Tj = 25 °C
-
-
-5
µA
VGS = 4.5 V; VDS = 0 V; Tj = 25 °C
-
-
1
µA
VGS = -4.5 V; VDS = 0 V; Tj = 25 °C
-
-
-1
µA
VGS = 2.5 V; VDS = 0 V; Tj = 25 °C
-
-
100
nA
IGSS
gate leakage current
VGS = -2.5 V; VDS = 0 V; Tj = 25 °C
-
-
-100
nA
VGS = 4.5 V; ID = 590 mA; Tj = 25 °C
-
550
670
VGS = 4.5 V; ID = 590 mA; Tj = 150 °C
-
960
1170
VGS = 2.5 V; ID = 590 mA; Tj = 25 °C
-
660
900
VGS = 1.8 V; ID = 80 mA; Tj = 25 °C
-
770
1120
RDSon
drain-source on-state
resistance
VGS = 1.5 V; ID = 10 mA; Tj = 25 °C
-
890
1500
gfs
forward
transconductance
VDS = 10 V; ID = 590 mA; Tj = 25 °C
-
600
-
mS
Dynamic characteristics
QG(tot)
total gate charge
-
0.6
1.1
nC
QGS
gate-source charge
-
0.1
-
nC
QGD
gate-drain charge
VDS = 15 V; ID = 590 mA; VGS = 4.5 V;
Tj = 25 °C
-
0.1
-
nC
Ciss
input capacitance
-
30.3
-
pF
Coss
output capacitance
-
5.8
-
pF
Crss
reverse transfer
capacitance
VDS = 15 V; f = 1 MHz; VGS = 0 V;
Tj = 25 °C
-
4.2
-
pF
td(on)
turn-on delay time
-
4
-
ns
tr
rise time
-
7
-
ns
td(off)
turn-off delay time
-
12
-
ns
tf
fall time
VDS = 15 V; ID = 590 mA; VGS = 4.5 V;
RG(ext) = 6 Ω; Tj = 25 °C
-
3
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 380 mA; VGS = 0 V; Tj = 25 °C
-
0.86
1.2
V


Similar Part No. - PMZB550UNE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMZB550UNE PHILIPS-PMZB550UNE_15 Datasheet
224Kb / 15P
   30 V, N-channel Trench MOSFET
25 March 2015
More results

Similar Description - PMZB550UNE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZ550UNE NEXPERIA-PMZ550UNE Datasheet
713Kb / 15P
   30 V, N-channel Trench MOSFET
PMV20XNE NEXPERIA-PMV20XNE Datasheet
720Kb / 15P
   30 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMZB550UNE PHILIPS-PMZB550UNE_15 Datasheet
224Kb / 15P
   30 V, N-channel Trench MOSFET
25 March 2015
PMZ390UNE PHILIPS-PMZ390UNE_15 Datasheet
221Kb / 14P
   30 V, N-channel Trench MOSFET
12 March 2015
PMZ550UNE PHILIPS-PMZ550UNE_15 Datasheet
224Kb / 15P
   30 V, N-channel Trench MOSFET
25 March 2015
PMPB11EN PHILIPS-PMPB11EN_15 Datasheet
273Kb / 15P
   30 V N-channel Trench MOSFET
14 January 2014
logo
Nexperia B.V. All right...
PMV25ENEA NEXPERIA-PMV25ENEA Datasheet
377Kb / 16P
   30 V, N-channel Trench MOSFET
BUK6D72-30E NEXPERIA-BUK6D72-30E Datasheet
285Kb / 15P
   30 V, N-channel Trench MOSFET
29 April 2019
BUK6D38-30E NEXPERIA-BUK6D38-30E Datasheet
284Kb / 15P
   30 V, N-channel Trench MOSFET
12 April 2019
BUK4D60-30 NEXPERIA-BUK4D60-30 Datasheet
301Kb / 15P
   30 V, N-channel Trench MOSFET
7 July 2020
PMPB15ENE NEXPERIA-PMPB15ENE Datasheet
294Kb / 14P
   30 V, N-channel Trench MOSFET
30 V, N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com