Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM29F002 Datasheet(PDF) 14 Page - PMC-Sierra, Inc

Part # PM29F002
Description  2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM29F002 Datasheet(HTML) 14 Page - PMC-Sierra, Inc

Back Button PM29F002 Datasheet HTML 10Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 11Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 12Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 13Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 14Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 15Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 16Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 17Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 18Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Programmable Microelectronics Corp.
Issue Date: March, 2001 Rev: 1.0
PMC
Pm29F002
DC CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
I IL
t
n
e
r
r
u
C
d
a
o
L
t
u
p
n
IV N
I
V
o
t
V
0
=
C
C
V
,
C
C
V
=
x
a
m
C
C
1
±A
µ
I O
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
OV O
/I
V
o
t
V
0
=
C
C
V
,
C
C
V
=
x
a
m
C
C
1
±A
µ
I 1
B
S
V C
C
S
O
M
C
t
n
e
r
r
u
C
y
b
d
n
a
t
SV
=
#
E
O
,
#
E
C
C
C
V
5
.
0
±1
.
05
A
µ
I 2
B
S
V C
C
L
T
T
t
n
e
r
r
u
C
y
b
d
n
a
t
SV
=
#
E
C
H
I
V
o
t
C
C
2
.
03
A
m
I 1
C
C
V C
C
t
n
e
r
r
u
C
d
a
e
R
e
v
it
c
AI
;
z
H
M
5
=
f
T
U
O
A
m
0
=0
10
3A
m
I 2
C
C
)
1
(
V C
C
t
n
e
r
r
u
C
e
s
a
r
E
/
m
a
r
g
o
r
P0
40
6A
m
V LI
e
g
a
tl
o
V
w
o
L
t
u
p
n
I5
.
0
-8
.
0V
V H
I
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I0
.
2V C
C
5
.
0
+V
V L
O
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
OI L
O
V
,
A
m
8
.
5
=
C
C
V
=
n
i
m
C
C
5
4
.
0V
V H
O
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OI H
O
0
0
4
-
=
µ V
,
A
C
C
V
=
n
i
m
C
C
4
.
2V
14
READ OPERATIONS CHARACTERISTICS
AC CHARACTERISTICS
-
b
m
y
S
l
o
r
e
t
e
m
a
r
a
P
5
5
-
2
0
0
F
9
2
m
P0
7
-
2
0
0
F
9
2
m
P0
9
-
2
0
0
F
9
2
m
P
s
t
i
n
U
n
i
Mx
a
Mn
i
Mx
a
Mn
i
Mx
a
M
t C
R
e
m
i
T
e
l
c
y
C
d
a
e
R5
50
70
9s
n
t C
C
A
y
a
l
e
D
t
u
p
t
u
O
o
t
s
s
e
r
d
d
A5
50
70
9s
n
t E
C
y
a
l
e
D
t
u
p
t
u
O
o
t
#
E
C5
50
70
9s
n
t E
O
y
a
l
e
D
t
u
p
t
u
O
o
t
#
E
O0
35
30
4s
n
t F
D
Z
h
g
i
H
t
u
p
t
u
O
o
t
#
E
O
r
o
#
E
C0
0
205
200
3s
n
t H
O
r
o
#
E
C
,
#
E
O
m
o
r
f
d
l
o
H
t
u
p
t
u
O
t
s
r
i
f
d
e
r
u
c
c
o
r
e
v
e
h
c
i
h
w
,
s
s
e
r
d
d
A
000
s
n
t S
C
V
V C
C
e
m
i
T
p
u
-
t
e
S0
50
50
5s
µ
Note: 1. Characterized but not 100% tested.


Similar Part No. - PM29F002

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-70JC PMC-PM29F004B-70JC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-70PC PMC-PM29F004B-70PC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-90JC PMC-PM29F004B-90JC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-90PC PMC-PM29F004B-90PC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
More results

Similar Description - PM29F002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
2-megabit (256K x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com