Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM29F002 Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM29F002
Description  2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM29F002 Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM29F002 Datasheet HTML 4Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 5Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 6Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 7Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 8Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 9Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 10Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 11Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Programmable Microelectronics Corp.
Issue Date: March, 2001 Rev: 1.0
PMC
Pm29F002
COMMAND DEFINITION
8
Table 4. Software Command Definition
d
n
a
m
m
o
C
e
c
n
e
u
q
e
S
s
u
B
e
l
c
y
C
s
u
B
t
s
1
e
l
c
y
C
a
t
a
D
r
d
d
A
s
u
B
d
n
2
e
l
c
y
C
a
t
a
D
r
d
d
A
s
u
B
d
r
3
e
l
c
y
C
a
t
a
D
r
d
d
A
s
u
B
h
t
4
e
l
c
y
C
a
t
a
D
r
d
d
A
s
u
B
h
t
5
e
c
l
y
C
a
t
a
D
r
d
d
A
s
u
B
h
t
6
e
l
c
y
C
a
t
a
D
r
d
d
A
d
a
e
R1
D
r
d
d
A
T
U
O
e
s
a
r
E
p
i
h
C6
h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
8
h
5
5
5h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
1
h
5
5
5
e
s
a
r
E
k
c
o
l
B6
h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
8
h
5
5
5h
A
A
h
5
5
5h
5
5
h
A
A
2A
B
)
1
(
h
0
3
e
t
y
B
m
a
r
g
o
r
P
4h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
A
h
5
5
5D
r
d
d
A
N
I
k
c
o
l
B
t
o
o
B
t
u
o
k
c
o
L
)
3
,
2
(
6h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
8
h
5
5
5h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
4
h
5
5
5
k
c
o
l
B
t
o
o
B
t
u
o
k
c
o
L
n
o
i
t
c
e
t
e
D
)
3
(
3h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
9
h
5
5
5
A
B
)
4
(
h
0
0
)
5
(
A
B
)
4
(
h
1
0
)
5
(
t
c
u
d
o
r
P
D
I
r
e
r
u
t
c
a
f
u
n
a
M
3h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
9
h
5
5
5h
D
9
h
0
0
X
e
c
i
v
e
D
t
c
u
d
o
r
P
)
t
o
o
B
p
o
T
(
D
I
3h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
9
h
5
5
5h
D
1
h
1
0
X
e
c
i
v
e
D
t
c
u
d
o
r
P
)
t
o
o
B
m
o
t
t
o
B
(
D
I
3h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
9
h
5
5
5h
D
2
h
1
0
X
D
I
t
c
u
d
o
r
P
t
i
x
E
)
6
(
3h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
F
h
5
5
5
D
I
t
c
u
d
o
r
P
t
i
x
E
)
6
(
1h
0
F
h
X
X
X
Notes:
1. BA = Block address of the block to be erased.
2. When the boot block lockout feature is enabled, the boot block will not be erased when a chip erase
command or a block erase command for boot block erasure is issued. Once the boot block is not
protected, the boot block will be erased when a chip erase command or a block erase command for
boot block erasure is issued.
3. After completion of the boot block lockout enable or detection command, the Product ID Exit com-
mand must be issued to return to standard read mode.
4. BA = Block address of the boot block;
For top boot block location, A0 = “0”, A1 = “1”, and A14-A17 = “1” where A2-A13 = Don’t Care;
For bottom boot block location, A0 = “0”, A1 = “1”, and A14-A17 = “0” where A2-A13 = Don’t Care.
5. I/O0 = “1” means boot block lockout is enabled, I/O0 = “0” means boot block lockout is disabled.
6. Either one of the Product ID Exit command can be used.


Similar Part No. - PM29F002

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-70JC PMC-PM29F004B-70JC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-70PC PMC-PM29F004B-70PC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-90JC PMC-PM29F004B-90JC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-90PC PMC-PM29F004B-90PC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
More results

Similar Description - PM29F002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
2-megabit (256K x 8) 5-volt Only Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com