Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM29F002 Datasheet(PDF) 7 Page - PMC-Sierra, Inc

Part # PM29F002
Description  2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM29F002 Datasheet(HTML) 7 Page - PMC-Sierra, Inc

Back Button PM29F002 Datasheet HTML 3Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 4Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 5Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 6Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 7Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 8Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 9Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 10Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 11Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Programmable Microelectronics Corp.
Issue Date: March, 2001 Rev: 1.0
PMC
Pm29F002
k
c
o
l
Be
z
i
S
k
c
o
l
Be
g
n
a
R
s
s
e
r
d
d
A
2
k
c
o
l
B
n
i
a
Ms
e
t
y
b
K
8
2
1h
F
F
F
F
1
-
h
0
0
0
0
0
1
k
c
o
l
B
n
i
a
Ms
e
t
y
b
K
6
9h
F
F
F
7
3
-
h
0
0
0
0
2
2
k
c
o
l
B
r
e
t
e
m
a
r
a
Ps
e
t
y
b
K
8h
F
F
F
9
3
-
h
0
0
0
8
3
1
k
c
o
l
B
r
e
t
e
m
a
r
a
Ps
e
t
y
b
K
8h
F
F
F
B
3
-
h
0
0
0
A
3
k
c
o
l
B
t
o
o
Bs
e
t
y
b
K
6
1h
F
F
F
F
3
-
h
0
0
0
C
3
k
c
o
l
Be
z
i
S
k
c
o
l
Be
g
n
a
R
s
s
e
r
d
d
A
k
c
o
l
B
t
o
o
Bs
e
t
y
b
K
6
1h
F
F
F
3
0
-
h
0
0
0
0
0
1
k
c
o
l
B
r
e
t
e
m
a
r
a
Ps
e
t
y
b
K
8h
F
F
F
5
0
-
h
0
0
0
4
0
2
k
c
o
l
B
r
e
t
e
m
a
r
a
Ps
e
t
y
b
K
8h
F
F
F
7
0
-
h
0
0
0
6
0
1
k
c
o
l
B
n
i
a
Ms
e
t
y
b
K
6
9h
F
F
F
F
1
-
h
0
0
0
8
0
2
k
c
o
l
B
n
i
a
Ms
e
t
y
b
K
8
2
1h
F
F
F
F
3
-
h
0
0
0
0
2
Table 1. Top Boot Block Address Table (Pm29F002T)
Table 2. Bottom Boot Block Address Table ( Pm29F002B)
7
MEMORY BLOCKS AND ADDRESSES
OPERATING MODES
Notes:
1. X can be VIL, VIH or addresses.
2. VH = 12.0 V ± 0.5 V.
3. Manufacturer Code: 9Dh;
Device Code: 1Dh (top boot), 2Dh (bottom boot)
Table 3. Bus Operation Modes
e
d
o
M#
E
C#
E
O#
E
WS
S
E
R
D
D
AO
/
I
d
a
e
RV LI
V LI
V H
I
X )
1
(
D T
U
O
e
t
i
r
WV LI
V H
I
V LI
XD N
I
y
b
d
n
a
t
SV H
I
XX
X
Z
h
g
i
H
e
l
b
a
s
i
D
t
u
p
t
u
OX
V H
I
XX
Z
h
g
i
H
n
o
i
t
a
c
i
f
i
t
n
e
d
I
t
c
u
d
o
r
P
e
r
a
w
d
r
a
H
V LI
V LI
V H
I
=
7
1
A
-
2
AV
=
9
A
,
X
H
)
2
( ,
V
=
1
A
L
I
V
=
0
A
,
L
I
e
d
o
C
r
e
r
u
t
c
a
f
u
n
a
M
)
3
(
V
=
9
A
,
X
=
7
1
A
-
2
A
H
)
2
( ,
V
=
1
A
L
I
V
=
0
A
,
H
I
e
d
o
C
e
c
i
v
e
D
)
3
(


Similar Part No. - PM29F002

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-70JC PMC-PM29F004B-70JC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-70PC PMC-PM29F004B-70PC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-90JC PMC-PM29F004B-90JC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-90PC PMC-PM29F004B-90PC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
More results

Similar Description - PM29F002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
2-megabit (256K x 8) 5-volt Only Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com