Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM29F002 Datasheet(PDF) 6 Page - PMC-Sierra, Inc

Part # PM29F002
Description  2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM29F002 Datasheet(HTML) 6 Page - PMC-Sierra, Inc

Back Button PM29F002 Datasheet HTML 2Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 3Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 4Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 5Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 6Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 7Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 8Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 9Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 10Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Programmable Microelectronics Corp.
Issue Date: March, 2001 Rev: 1.0
PMC
Pm29F002
DEVICE OPERATION (CONTINUED)
BLOCK ERASE
The memory array is organized into five blocks:
one 16 Kbytes boot block, two 8 Kbytes parameter
blocks, one 96 Kbytes and one 128 Kbytes main blocks.
A block erase operation allows to erase any individual
block. Pre-programs the block is not required prior to
block erase operation. If the boot block lockout feature
is enable, the block erase command attempts to erase
the boot block will be ignored. The block erase com-
mand is similar to chip erase command except for the
last bus cycle command where the block addresses
are used to select the block for erasure and the input
data to the I/Os is 30h. Each block erase operation
erases one block. Block erase and chip erase are both
internally controlled and timed.
BYTE PROGRAMMING
The programming is a four-bus-cycle operation
and the data is programmed into the device (to a logical
“0”) on a byte-by-byte basis. Please see Software Com-
mand Definition in Table 4. A program operation is ac-
tivated by writing the three-byte command sequence
followed by one byte of data into the device. The ad-
dress are latched on the falling edge of WE# or CE#
whichever occurs later, and the data is latched on the
rising edge of WE# or CE#, whichever occurs first. The
internal control logic automatically handles the internal
programming voltages and timing.
A data “0” can not be programmed back to a “1”.
Only erase operation can convert “0”s to “1”s. The Data#
Polling of I/O7 or Toggle Bit of I/O6 can be used to de-
tect when the programming operation is completed.
CHIP ERASE
The entire memory array can be erased through
a chip erase operation. Pre-programs the device is not
required prior to chip erase operation. Chip erase starts
after a six-bus-cycle chip erase command sequence.
All commands will be ignored once the chip erase
operation has started. The device will return back to
read mode after the completion of chip erase. When
the boot block lockout feature is enabled, the boot block
will not be erased during a chip erase operation. Only
the parameter blocks and the main blocks will be erased.
I/O7 DATA# POLLING
The Pm29F002 provides Data# Polling feature to
indicate the process or the completion of a program or
erase cycle. During a program cycle, an attempt to read
the device will result in the complement of the last loaded
data on I/O7. Once the program cycle is completed,
the true data of the last loaded data is valid on all out-
puts. During a block or chip erase operation, an attempt
to read the device will result a “0” on I/O7. After the
erase cycle is completed, an attempt to read the device
will result a “1” on I/O7.
I/O6 TOGGLE BIT
The Pm29F002 also provides Toggle Bit feature
as a method to detect the process or the end of a pro-
gram or erase cycle. During a program or erase opera-
tion, an attempt to read data from the device will result
in I/O6 toggling between “1” and “0”. When the program
or erase operation is complete, I/O6 will stop toggling
and valid data will be read. Toggle bit may be accessed
at any time during a program or erase cycle.
HARDWARE DATA PROTECTION
Hardware data protection protects the device from
unintentional erase or program operation. It is performed
in the following ways: (a) VCC sense: if VCC is below 3.8
V (typical), the program function is inhibited. (b) Write
inhibit: holding any of the signal OE# low, CE# high or
WE# high inhibits a write cycle. (c) Noise filter: pulses
of less than 20 ns (typical) on the WE# or CE# inputs
will not initiate a write cycle.
6


Similar Part No. - PM29F002

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-70JC PMC-PM29F004B-70JC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-70PC PMC-PM29F004B-70PC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-90JC PMC-PM29F004B-90JC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-90PC PMC-PM29F004B-90PC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
More results

Similar Description - PM29F002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
2-megabit (256K x 8) 5-volt Only Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com