Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM29F002 Datasheet(PDF) 4 Page - PMC-Sierra, Inc

Part # PM29F002
Description  2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM29F002 Datasheet(HTML) 4 Page - PMC-Sierra, Inc

  PM29F002 Datasheet HTML 1Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 2Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 3Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 4Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 5Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 6Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 7Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 8Page - PMC-Sierra, Inc PM29F002 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Programmable Microelectronics Corp.
Issue Date: March, 2001 Rev: 1.0
PMC
Pm29F002
PIN DESCRIPTIONS
4
L
O
B
M
Y
SE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
7
1
A
-
0
AT
U
P
N
I
.
r
e
t
s
i
g
e
r
d
n
a
m
m
o
c
d
n
a
s
e
s
s
e
r
d
d
a
y
r
o
m
e
m
r
o
F
:
s
t
u
p
n
I
s
s
e
r
d
d
A
.
e
l
c
y
c
e
t
i
r
w
a
g
n
i
r
u
d
d
e
h
c
t
a
l
y
ll
a
n
r
e
t
n
i
e
r
a
s
e
s
s
e
r
d
d
A
#
E
CT
U
P
N
I
s
e
i
r
t
i
u
c
r
i
c
l
a
n
r
e
t
n
i
s
'
e
c
i
v
e
d
e
h
t
s
e
t
a
v
i
t
c
a
w
o
l
#
E
C
:
e
l
b
a
n
E
p
i
h
C
d
n
a
e
c
i
v
e
d
e
h
t
s
t
c
e
l
e
s
e
d
h
g
i
h
#
E
C
.
n
o
i
t
a
r
e
p
o
e
c
i
v
e
d
r
o
f
.
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
p
e
h
t
e
c
u
d
e
r
o
t
e
d
o
m
y
b
d
n
a
t
s
o
t
n
i
s
e
h
c
t
i
w
s
.
e
l
b
a
t
s
c
i
t
s
i
r
e
t
c
a
r
a
h
c
C
D
o
t
r
e
f
e
r
e
s
a
e
l
P
#
E
WT
U
P
N
I
s
i
#
E
W
.
n
o
i
t
a
r
e
p
o
e
t
i
r
w
r
o
f
e
c
i
v
e
d
e
h
t
e
t
a
v
i
t
c
A
:
e
l
b
a
n
E
e
t
i
r
W
.
w
o
l
e
v
i
t
c
a
#
E
OT
U
P
N
I
d
a
e
r
a
g
n
i
r
u
d
s
r
e
f
f
u
b
a
t
a
d
s
'
e
c
i
v
e
d
e
h
t
l
o
r
t
n
o
C
:
e
l
b
a
n
E
t
u
p
t
u
O
.
w
o
l
e
v
i
t
c
a
s
i
#
E
O
.
e
l
c
y
c
7
O
/
I
-
0
O
/
I
/
T
U
P
N
I
T
U
P
T
U
O
,
n
o
i
t
a
r
e
p
o
m
a
r
g
o
r
p
g
n
i
r
u
d
a
t
a
d
y
a
r
r
a
s
t
u
p
n
I
:
s
t
u
p
t
u
O
/
s
t
u
p
n
I
a
t
a
D
g
n
i
r
u
d
d
e
h
c
t
a
l
y
ll
a
n
r
e
t
n
i
s
i
a
t
a
D
.
e
v
i
t
c
a
e
r
a
#
E
W
d
n
a
#
E
C
n
e
h
w
,
e
v
i
t
c
a
e
r
a
#
E
O
d
n
a
#
E
C
n
e
h
W
.
s
e
l
c
y
c
m
a
r
g
o
r
p
d
n
a
e
t
i
r
w
e
h
t
.
e
d
o
c
e
c
i
v
e
d
r
o
e
d
o
c
r
e
r
u
t
c
a
f
u
n
a
m
,
a
t
a
d
y
a
r
r
a
s
d
n
e
s
t
u
p
t
u
o
e
h
t
e
h
t
r
o
d
e
t
c
e
l
e
s
e
d
s
i
p
i
h
c
e
h
t
n
e
h
w
e
t
a
t
s
-
i
r
t
o
t
t
a
o
l
f
s
n
i
p
a
t
a
d
e
h
T
.
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
V
C
C
y
l
p
p
u
S
r
e
w
o
P
e
c
i
v
e
D
D
N
Gd
n
u
o
r
G
C
Nn
o
i
t
c
e
n
n
o
C
o
N


Similar Part No. - PM29F002

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-70JC PMC-PM29F004B-70JC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-70PC PMC-PM29F004B-70PC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-90JC PMC-PM29F004B-90JC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-90PC PMC-PM29F004B-90PC Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
More results

Similar Description - PM29F002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
2-megabit (256K x 8) 5-volt Only Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com