Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0812133 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0812133
Description  Zack marker strip - ZB 12:SO/CMS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0812133 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0812133 Datasheet HTML 1Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
https://www.phoenixcontact.com/us/produkte/0812133
25.05.2012   Page 1 / 1
Zack marker strip - ZB 12:SO/CMS - 0812133
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Zack marker strip, white, For terminal block width: 12 mm
Key commercial data
Packing unit
0
Minimum order quantity
10
Catalog page
Page 430 (CL-2007)
GTIN
Weight per Piece (excluding packing)
1.2 GRM
Country of origin
GERMANY
Classifications
eclass
eCl@ss 4.0
24190208
eCl@ss 4.1
24190208
eCl@ss 5.0
27149103
eCl@ss 5.1
27149103
eCl@ss 6.0
27149103
etim
ETIM 2.0
EC000761
ETIM 3.0
EC000761
ETIM 4.0
EC000761
unspsc
UNSPSC 6.01
30211811
UNSPSC 7.0901
39121410
UNSPSC 11
39121410
UNSPSC 12.01
39121410
UNSPSC 13.2
39121410
© Phoenix Contact 2012 - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - 0812133

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0812120 PHOENIX-0812120 Datasheet
54Kb / 2P
Zack marker strip - ZB 12:UNBEDRUCKT
0812120 PHOENIX-0812120 Datasheet
100Kb / 5P
UW 16
0812175 PHOENIX-0812175 Datasheet
191Kb / 5P
PABT 15X4 WH/200 - Insert strip
0812188 PHOENIX-0812188 Datasheet
6Mb / 76P
THERMOMARK LINE
More results

Similar Description - 0812133

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805823 PHOENIX-0805823 Datasheet
48Kb / 2P
Zack marker strip - ZB 4:SO/CMS
0808639 PHOENIX-0808639 Datasheet
48Kb / 2P
Zack Marker strip, flat - ZBF 4:SO/CMS
0808778 PHOENIX-0808778 Datasheet
51Kb / 2P
Zack Marker strip, flat - ZBF 6:SO/CMS
0811985 PHOENIX-0811985 Datasheet
51Kb / 2P
Zack marker strip - ZB 15:SO/CMS
0812120 PHOENIX-0812120 Datasheet
54Kb / 2P
Zack marker strip - ZB 12:UNBEDRUCKT
0813200 PHOENIX-0813200 Datasheet
52Kb / 2P
Zack marker strip - ZB 6/OG:SO/CMS
0824978 PHOENIX-0824978 Datasheet
57Kb / 3P
Zack marker strip - ZB 6,6 CUS
1050295 PHOENIX-1050295 Datasheet
53Kb / 2P
Zack marker strip - ZB 5:SO/CMS
1050499 PHOENIX-1050499 Datasheet
46Kb / 2P
Zack marker strip - ZB 6:SO/CMS
0812735 PHOENIX-0812735 Datasheet
53Kb / 3P
Zack marker strip - ZB 6/BU:UNPRINTED
09/11/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com