Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0811943 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0811943
Description  Insert strip - ESL 25X10 TR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0811943 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0811943 Datasheet HTML 1Page - PHOENIX CONTACT 0811943 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/0811943
11/26/13   Page 1 / 2
Insert strip - ESL 25X10 TR - 0811943
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Insert strip, Sheet, transparent, Unlabeled, Can be labeled with: Office printing systems, Plotter: Laser printer,
Mounting type: Insert, Lettering field: 25 x 10 mm
Figure shows the ESL 29 x 8 version
Product Features
 Insert labels for plastic cable markers
Key commercial data
Packing unit
1 PCE
Minimum order quantity
10 PCE
Weight per Piece (excluding packing)
14.35 GRM
Custom tariff number
39206219
Country of origin
Germany
Technical data
Dimensions
Length (b)
25 mm
Width (a)
10 mm
Ambient conditions
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 100 °C
General
Note
Print image may vary depending on laser printer
Color
transparent
Components
free from silicone and halogen
Material
Polyester foil
Printing
Laser printer
Number of individual labels
175
Number of individual labels per row
7


Similar Part No. - 0811943

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0811930 PHOENIX-0811930 Datasheet
51Kb / 2P
Insert strip - ESL 29X8 YE
09/12/2020
0811969 PHOENIX-0811969 Datasheet
6Mb / 76P
THERMOMARK LINE
0811970 PHOENIX-0811970 Datasheet
44Kb / 2P
Terminal strip marker carrier - KLM 4
0811972 PHOENIX-0811972 Datasheet
54Kb / 2P
Zack marker strip - ZB 15:UNBEDRUCKT
0811972 PHOENIX-0811972 Datasheet
101Kb / 5P
UW 25
More results

Similar Description - 0811943

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0808231 PHOENIX-0808231 Datasheet
46Kb / 2P
Insert strip - ESL 24X4
0808095 PHOENIX-0808095 Datasheet
50Kb / 2P
Insert strip - ESL 40X17
0808244 PHOENIX-0808244 Datasheet
46Kb / 2P
Insert strip - ESL 44X7
0808257 PHOENIX-0808257 Datasheet
46Kb / 2P
Insert strip - ESL 29X8
0809395 PHOENIX-0809395 Datasheet
48Kb / 2P
Terminal strip markers - KLM ESL 26X6
0824404 PHOENIX-0824404 Datasheet
51Kb / 3P
Insert strip - ESL 44X 7 CUS
0809492 PHOENIX-0809492 Datasheet
52Kb / 3P
Insert strip - ESL 62X10
09/11/2020
0809502 PHOENIX-0809502 Datasheet
52Kb / 3P
Insert strip - ESL 62X46
09/11/2020
0811930 PHOENIX-0811930 Datasheet
51Kb / 2P
Insert strip - ESL 29X8 YE
09/12/2020
0824403 PHOENIX-0824403 Datasheet
65Kb / 3P
Insert strip - ESL 40X17 CUS
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com