Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMPMR-SM50 Datasheet(PDF) 2 Page - Mini-Circuits

Part # SMPMR-SM50
Description  Adapter SMP-Male to SMA-Male
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SMPMR-SM50 Datasheet(HTML) 2 Page - Mini-Circuits

  SMPMR-SM50 Datasheet HTML 1Page - Mini-Circuits SMPMR-SM50 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
SMPMR-SM50+
50Ω
DC to 26.5 GHz
Adapter SMP-Male to SMA-Male
REV. OR
M175743
SMPMR-SM50+
RD/RS/CP
190731
Coaxial
Features
• low insertion loss, 0.1 dB typ.
• excellent VSWR, 1.1 typ.
• low cost adapters, available from stock
• passivated stainless steel body and gold-
plated berillium copper center connector
• SMP-Male with limited detent
Applications
• interconnection of RF cable and equipment
Outline Drawing
CASE STYLE: DJ2442-5
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
SMP-Male
SMA-Male
0.00
0.04
0.08
0.12
0.16
0.20
0
5300
10600
15900
21200
26500
FREQUENCY (MHz)
SMPMR-SM50+
INSERTION LOSS
1.0
1.1
1.2
1.3
1.4
1.5
0
5300
10600
15900
21200
26500
FREQUENCY (MHz)
SMPMR-SM50+
VSWR
SMP-M
SMA-M
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Units
Frequency Range
DC
26.5
GHz
Insertion Loss
DC - 18
0.10
dB
18 - 26.5
0.16
VSWR
DC - 18
1.07
1.36
:1
18 - 26.5
1.18
1.38
10
0.01
1.00
1.00
100
0.02
1.01
1.01
1000
0.05
1.02
1.02
2000
0.06
1.02
1.03
4000
0.07
1.01
1.03
6000
0.09
1.01
1.02
8000
0.10
1.03
1.03
9000
0.10
1.04
1.06
10000
0.10
1.05
1.08
11000
0.11
1.06
1.08
12000
0.11
1.08
1.11
15000
0.14
1.16
1.15
16000
0.14
1.17
1.15
18000
0.15
1.22
1.21
20000
0.12
1.22
1.24
22000
0.12
1.15
1.11
24000
0.12
1.11
1.13
26500
0.06
1.15
1.22
Permanent damage may occur if any of these limits are exceeded.
Connectors
Model
SMP-Male to SMA-Male
SMPMR-SM50+


Similar Part No. - SMPMR-SM50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
SMPM Series 65GHz, push-on lock coaxial connectors
logo
Mini-Circuits
SMPM-24M MINI-SMPM-24M Datasheet
533Kb / 6P
Adapter
SMPM-24M++ MINI-SMPM-24M+ Datasheet
533Kb / 6P
Adapter
More results

Similar Description - SMPMR-SM50

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9511 PASTERNACK-PE9511 Datasheet
255Kb / 3P
Precision SMA Male to SMP Male Adapter 18 Ghz.
PE91063 PASTERNACK-PE91063 Datasheet
453Kb / 3P
Precision SMA Male to SMP Male Adapter Full Detent
PE91302 PASTERNACK-PE91302 Datasheet
330Kb / 3P
SMA Male to Mini SMP Male Full Detent Adapter
PE91303 PASTERNACK-PE91303 Datasheet
329Kb / 3P
SMA Male to Mini SMP Male Smooth Bore Adapter
PE91309 PASTERNACK-PE91309 Datasheet
327Kb / 3P
SMA Male to SMP Male Full Detent Adapter
PE91310 PASTERNACK-PE91310 Datasheet
327Kb / 3P
SMA Male to SMP Male Limited Detent Adapter
PE91311 PASTERNACK-PE91311 Datasheet
325Kb / 3P
SMA Male to SMP Male Smooth Bore Adapter
PE91312 PASTERNACK-PE91312 Datasheet
326Kb / 3P
SMA Male to SMP Female Adapter
logo
Amphenol Corporation
1112-6114 AMPHENOL-1112-6114 Datasheet
81Kb / 1P
SMP QUARTERBACK MALE TO SMA MALE ADAPTER
logo
Amphenol SV Microwave
1112-6114 SVMICROWAVE-1112-6114 Datasheet
80Kb / 1P
SMP QUARTERBACK MALE TO SMA MALE ADAPTER
REV.01 02/14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com