Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMPMR-SM50 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SMPMR-SM50
Description  Adapter SMP-Male to SMA-Male
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SMPMR-SM50 Datasheet(HTML) 1 Page - Mini-Circuits

  SMPMR-SM50 Datasheet HTML 1Page - Mini-Circuits SMPMR-SM50 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
SMPMR-SM50+
The Big Deal
• Ultra-wideband, DC-26.5 GHz
• Flat response
• Low insertion loss, 0.1 dB typ.
• Excellent VSWR, 1.1:1 typ.
• SMP-Male with limited detent
Product Overview
Mini-Circuits’ SMPMR-SM50+ is a right-angle SMP (Snap-on-Male) to SMA-Male adapter supporting a
wide range of applications from DC to 26.5 GHz. This model provides excellent VSWR, low insertion loss,
and flat response versus frequency. The SMPMR-SM50+ features passivated stainless steel body and Gold-
plated berillium copper construction center contact.
Key Features
Feature
Advantages
Wideband, DC to 26.5 GHz
Wide frequency range provides application flexibility and makes this model ideal for broad-
band and multi-band use.
Excellent VSWR, 1.1:1 typ.
Provides good matching for 50Ω systems and minimizes signal reflections across wide
frequency range.
Low insertion loss, 0.1 dB typ.
Provides excellent signal power transmission from input to output.
Passivated stainless steel
body and Gold-plated berillium cop-
per construction center contact
Stands up to wear and tear in demanding environments and provides excellent reliability.
Very wide operating temperature
range, -55 to +100˚C
Withstands extreme operating conditions and is suitable for use near high power componen-
try where heat rise is common.
50Ω
DC to 26.5 GHz
Coaxial
Adapter SMP-Male to SMA-Male
CASE STYLE: DJ2442-5


Similar Part No. - SMPMR-SM50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
   SMPM Series 65GHz, push-on lock coaxial connectors
logo
Mini-Circuits
SMPM-24M MINI-SMPM-24M Datasheet
533Kb / 6P
   Adapter
SMPM-24M++ MINI-SMPM-24M+ Datasheet
533Kb / 6P
   Adapter
More results

Similar Description - SMPMR-SM50

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
1112-6114 AMPHENOL-1112-6114 Datasheet
81Kb / 1P
   SMP QUARTERBACK MALE TO SMA MALE ADAPTER
logo
Amphenol SV Microwave
1112-6114 SVMICROWAVE-1112-6114 Datasheet
80Kb / 1P
   SMP QUARTERBACK MALE TO SMA MALE ADAPTER
REV.01 02/14
logo
Pasternack Enterprises,...
PE91312 PASTERNACK-PE91312 Datasheet
326Kb / 3P
   SMA Male to SMP Female Adapter
PE91310 PASTERNACK-PE91310 Datasheet
327Kb / 3P
   SMA Male to SMP Male Limited Detent Adapter
PE91311 PASTERNACK-PE91311 Datasheet
325Kb / 3P
   SMA Male to SMP Male Smooth Bore Adapter
PE91309 PASTERNACK-PE91309 Datasheet
327Kb / 3P
   SMA Male to SMP Male Full Detent Adapter
PE9511 PASTERNACK-PE9511 Datasheet
255Kb / 3P
   Precision SMA Male to SMP Male Adapter 18 Ghz.
PE91303 PASTERNACK-PE91303 Datasheet
329Kb / 3P
   SMA Male to Mini SMP Male Smooth Bore Adapter
PE91063 PASTERNACK-PE91063 Datasheet
453Kb / 3P
   Precision SMA Male to SMP Male Adapter Full Detent
PE91302 PASTERNACK-PE91302 Datasheet
330Kb / 3P
   SMA Male to Mini SMP Male Full Detent Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com