Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3101016 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3101016
Description  MTK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3101016 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3101016 Datasheet HTML 1Page - PHOENIX CONTACT 3101016 Datasheet HTML 2Page - PHOENIX CONTACT 3101016 Datasheet HTML 3Page - PHOENIX CONTACT 3101016 Datasheet HTML 4Page - PHOENIX CONTACT 3101016 Datasheet HTML 5Page - PHOENIX CONTACT 3101016 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MTK Order No.: 3101016
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3101016
PHOENIX CONTACT Inc., USA
Page 2 / 6
http://www.phoenixcon.com
Mar 25, 2010
Insulating material
PA
Inflammability class acc. to UL 94
V0
Dimensions
Width
5.2 mm
Length
46 mm
Height NS 35/7,5
51.5 mm
Height NS 35/15
59 mm
Height NS 32
56 mm
Technical data
Maximum load current
16 A (with 4 mm² conductor cross section)
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-1
Nominal current IN
16 A
Nominal voltage UN
400 V
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Conductor cross section stranded, with ferrule
without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
2.5 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve max.
1.5 mm²
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1.5 mm²
2 conductors with same cross section, stranded
min.
0.2 mm²


Similar Part No. - 3101016

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
310101 METZ-310101 Datasheet
324Kb / 5P
pin header, solderable
More results

Similar Description - 3101016

ManufacturerPart #DatasheetDescription
logo
FCI connector
10073978-050LF FCI-CONNECTOR-10073978-050LF Datasheet
40Kb / 1P
MTK IDC STRAIN RELIEF
10073978 FCI-CONNECTOR-10073978 Datasheet
43Kb / 1P
MTK IDC STRAIN RELIEF
logo
PHOENIX CONTACT
2775210 PHOENIX-2775210 Datasheet
134Kb / 6P
UDK 4-MTK-P/P
2775265 PHOENIX-2775265 Datasheet
103Kb / 2P
UDK 4-MTK
2800004 PHOENIX-2800004 Datasheet
147Kb / 6P
UKK 5-MTK-P/P
3004032 PHOENIX-3004032 Datasheet
129Kb / 6P
UK 5-MTK-P/P
3004430 PHOENIX-3004430 Datasheet
81Kb / 2P
UK 5-MTK
3048292 PHOENIX-3048292 Datasheet
114Kb / 4P
UK 5-MTK-P/P RD
3100208 PHOENIX-3100208 Datasheet
57Kb / 2P
MTK MIT SPERRE
3104013 PHOENIX-3104013 Datasheet
127Kb / 6P
MTK-P/P
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com