Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3101016 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3101016
Description  MTK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3101016 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3101016 Datasheet HTML 1Page - PHOENIX CONTACT 3101016 Datasheet HTML 2Page - PHOENIX CONTACT 3101016 Datasheet HTML 3Page - PHOENIX CONTACT 3101016 Datasheet HTML 4Page - PHOENIX CONTACT 3101016 Datasheet HTML 5Page - PHOENIX CONTACT 3101016 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Mar 25, 2010
Extract from the online
catalog
 
MTK
Order No.: 3101016
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3101016
 
 
Disconnect and test disconnect terminal block, Connection
type: Screw connection, Cross section:  0.2 mm² - 4 mm²,
AWG: 24 - 12, Nominal current: 16 A, Nominal voltage: 400 V,
Length: 46 mm, Width: 5.2 mm, Color: gray, Assembly: NS 35/7,5, NS
35/15, NS 32
 
Commercial data
EAN
4017918092573
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.009808 KG
Catalog page information
Page 381 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
2
Color
gray


Similar Part No. - 3101016

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
310101 METZ-310101 Datasheet
324Kb / 5P
pin header, solderable
More results

Similar Description - 3101016

ManufacturerPart #DatasheetDescription
logo
FCI connector
10073978-050LF FCI-CONNECTOR-10073978-050LF Datasheet
40Kb / 1P
MTK IDC STRAIN RELIEF
10073978 FCI-CONNECTOR-10073978 Datasheet
43Kb / 1P
MTK IDC STRAIN RELIEF
logo
PHOENIX CONTACT
2775210 PHOENIX-2775210 Datasheet
134Kb / 6P
UDK 4-MTK-P/P
2775265 PHOENIX-2775265 Datasheet
103Kb / 2P
UDK 4-MTK
2800004 PHOENIX-2800004 Datasheet
147Kb / 6P
UKK 5-MTK-P/P
3004032 PHOENIX-3004032 Datasheet
129Kb / 6P
UK 5-MTK-P/P
3004430 PHOENIX-3004430 Datasheet
81Kb / 2P
UK 5-MTK
3048292 PHOENIX-3048292 Datasheet
114Kb / 4P
UK 5-MTK-P/P RD
3100208 PHOENIX-3100208 Datasheet
57Kb / 2P
MTK MIT SPERRE
3104013 PHOENIX-3104013 Datasheet
127Kb / 6P
MTK-P/P
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com