Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3101016 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3101016
Description  MTK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3101016 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3101016 Datasheet HTML 1Page - PHOENIX CONTACT 3101016 Datasheet HTML 2Page - PHOENIX CONTACT 3101016 Datasheet HTML 3Page - PHOENIX CONTACT 3101016 Datasheet HTML 4Page - PHOENIX CONTACT 3101016 Datasheet HTML 5Page - PHOENIX CONTACT 3101016 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MTK Order No.: 3101016
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3101016
PHOENIX CONTACT Inc., USA
Page 4 / 6
http://www.phoenixcon.com
Mar 25, 2010
Accessories
Item
Designation
Description
Assembly
3101223
ATS-MTK
Partition plate, Width: 1 mm, Color: gray
3022218
CLIPFIX 35
Snap-on end bracket, for 35 mm NS 35/7.5 or NS 35/15 DIN
rail, can be fitted with Zack strip ZB 8 and ZB 8/27, terminal strip
marker KLM 2 and KLM, width: 9.5 mm, color: gray
3101029
D-MTK
End cover, Length: 46 mm, Width: 1 mm, Height: 28.7 mm,
Color: gray
3101090
D-MTK BU
End cover, Length: 46 mm, Width: 1 mm, Color: blue
1201442
E/UK
End clamp, for assembly on NS 32 or NS 35/7,5 DIN rail
1201028
NS 32 AL UNPERF 2000MM
G rail 32 mm (NS 32)
1201280
NS 32 CU/120QMM UNPERF
2000MM
G-profile DIN rail, deep-drawn, material: Copper, unperforated,
height 15 mm, width 32 mm, length 2 m
1201358
NS 32 CU/35QMM UNPERF
2000MM
G-profile DIN rail, material: Copper, unperforated, height 15 mm,
width 32 mm, length 2 m
1201002
NS 32 PERF 2000MM
G-profile DIN rail, material: Steel, perforated, height 15 mm, width
32 mm, length 2 m
1201015
NS 32 UNPERF 2000MM
G-profile DIN rail, material: Steel, unperforated, height 15 mm,
width 32 mm, length 2 m
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35
mm, length: 2 m
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: Steel, galvanized and passivated with a thick
layer, perforated, height 7.5 mm, width 35 mm, length: 2 m
0801681
NS 35/ 7,5 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1201756
NS 35/15 AL UNPERF 2000MM
DIN rail, deep-drawn, high profile, unperforated, 1.5 mm thick,
material: Aluminum, height 15 mm, width 35 mm, length 2 m
1201895
NS 35/15 CU UNPERF 2000MM DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
1201730
NS 35/15 PERF 2000MM
DIN rail, material: Steel, perforated, height 15 mm, width 35 mm,
length: 2 m
1201714
NS 35/15 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m
1201798
NS 35/15-2,3 UNPERF 2000MM DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15
mm, width 35 mm, length: 2 m
Bridges
2303145
EBL 2- 5
Cross connector/bridge, Number of positions: 2, Color: gray
2303158
EBL 3- 5
Cross connector/bridge, Number of positions: 3, Color: gray
2303132
EBL 10- 5
Cross connector/bridge, Number of positions: 10, Color: gray


Similar Part No. - 3101016

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
310101 METZ-310101 Datasheet
324Kb / 5P
pin header, solderable
More results

Similar Description - 3101016

ManufacturerPart #DatasheetDescription
logo
FCI connector
10073978-050LF FCI-CONNECTOR-10073978-050LF Datasheet
40Kb / 1P
MTK IDC STRAIN RELIEF
10073978 FCI-CONNECTOR-10073978 Datasheet
43Kb / 1P
MTK IDC STRAIN RELIEF
logo
PHOENIX CONTACT
2775210 PHOENIX-2775210 Datasheet
134Kb / 6P
UDK 4-MTK-P/P
2775265 PHOENIX-2775265 Datasheet
103Kb / 2P
UDK 4-MTK
2800004 PHOENIX-2800004 Datasheet
147Kb / 6P
UKK 5-MTK-P/P
3004032 PHOENIX-3004032 Datasheet
129Kb / 6P
UK 5-MTK-P/P
3004430 PHOENIX-3004430 Datasheet
81Kb / 2P
UK 5-MTK
3048292 PHOENIX-3048292 Datasheet
114Kb / 4P
UK 5-MTK-P/P RD
3100208 PHOENIX-3100208 Datasheet
57Kb / 2P
MTK MIT SPERRE
3104013 PHOENIX-3104013 Datasheet
127Kb / 6P
MTK-P/P
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com