Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3101016 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3101016
Description  MTK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3101016 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3101016 Datasheet HTML 1Page - PHOENIX CONTACT 3101016 Datasheet HTML 2Page - PHOENIX CONTACT 3101016 Datasheet HTML 3Page - PHOENIX CONTACT 3101016 Datasheet HTML 4Page - PHOENIX CONTACT 3101016 Datasheet HTML 5Page - PHOENIX CONTACT 3101016 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MTK Order No.: 3101016
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3101016
PHOENIX CONTACT Inc., USA
Page 3 / 6
http://www.phoenixcon.com
Mar 25, 2010
2 conductors with same cross section, stranded
max.
1.5 mm²
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, max.
1.5 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, max.
1.5 mm²
Cross-section with insertion bridge, solid max.
4 mm²
Cross-section with insertion bridge, stranded max. 2.5 mm²
Type of connection
Screw connection
Stripping length
7 mm
Internal cylindrical gage
A3
Screw thread
M3
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Certificates / Approvals
Certification
CSA, CUL, DNV, GL, GOST, LR, PRS, RS, UL
CSA
Nominal voltage UN
300 V
Nominal current IN
15 A
AWG/kcmil
28-12
CUL
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
28-12
UL
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
28-12


Similar Part No. - 3101016

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
310101 METZ-310101 Datasheet
324Kb / 5P
pin header, solderable
More results

Similar Description - 3101016

ManufacturerPart #DatasheetDescription
logo
FCI connector
10073978-050LF FCI-CONNECTOR-10073978-050LF Datasheet
40Kb / 1P
MTK IDC STRAIN RELIEF
10073978 FCI-CONNECTOR-10073978 Datasheet
43Kb / 1P
MTK IDC STRAIN RELIEF
logo
PHOENIX CONTACT
2775210 PHOENIX-2775210 Datasheet
134Kb / 6P
UDK 4-MTK-P/P
2775265 PHOENIX-2775265 Datasheet
103Kb / 2P
UDK 4-MTK
2800004 PHOENIX-2800004 Datasheet
147Kb / 6P
UKK 5-MTK-P/P
3004032 PHOENIX-3004032 Datasheet
129Kb / 6P
UK 5-MTK-P/P
3004430 PHOENIX-3004430 Datasheet
81Kb / 2P
UK 5-MTK
3048292 PHOENIX-3048292 Datasheet
114Kb / 4P
UK 5-MTK-P/P RD
3100208 PHOENIX-3100208 Datasheet
57Kb / 2P
MTK MIT SPERRE
3104013 PHOENIX-3104013 Datasheet
127Kb / 6P
MTK-P/P
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com