Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S641632H Datasheet(PDF) 13 Page - Samsung semiconductor

Part # K4S641632H
Description  64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S641632H Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button K4S641632H Datasheet HTML 6Page - Samsung semiconductor K4S641632H Datasheet HTML 7Page - Samsung semiconductor K4S641632H Datasheet HTML 8Page - Samsung semiconductor K4S641632H Datasheet HTML 9Page - Samsung semiconductor K4S641632H Datasheet HTML 10Page - Samsung semiconductor K4S641632H Datasheet HTML 11Page - Samsung semiconductor K4S641632H Datasheet HTML 12Page - Samsung semiconductor K4S641632H Datasheet HTML 13Page - Samsung semiconductor K4S641632H Datasheet HTML 14Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SDRAM 64Mb H-die (x4, x8, x16)
CMOS SDRAM
Rev. 1.3 August 2004
VDD Clamp @ CLK, CKE, CS, DQM & DQ
VDD (V)
I (mA)
0.0
0.0
0.2
0.0
0.4
0.0
0.6
0.0
0.7
0.0
0.8
0.0
0.9
0.0
1.0
0.23
1.2
1.34
1.4
3.02
1.6
5.06
1.8
7.35
2.0
9.83
2.2
12.48
2.4
15.30
2.6
18.31
VSS Clamp @ CLK, CKE, CS, DQM & DQ
VSS (V)
I (mA)
-2.6
-57.23
-2.4
-45.77
-2.2
-38.26
-2.0
-31.22
-1.8
-24.58
-1.6
-18.37
-1.4
-12.56
-1.2
-7.57
-1.0
-3.37
-0.9
-1.75
-0.8
-0.58
-0.7
-0.05
-0.6
0.0
-0.4
0.0
-0.2
0.0
0.0
0.0
20
15
10
5
0
03
12
Voltage
I (mA)
Voltage
I (mA)
Minimum VDD clamp current
(Referenced to VDD)
Minimum VSS clamp current
0
-10
-20
-30
-40
-3
0
-2
-1
-50
-60


Similar Part No. - K4S641632H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S641632H-TC60 SAMSUNG-K4S641632H-TC60 Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S641632H-TC70 SAMSUNG-K4S641632H-TC70 Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S641632H-TC75 SAMSUNG-K4S641632H-TC75 Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S641632H-TL60 SAMSUNG-K4S641632H-TL60 Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S641632H-TL70 SAMSUNG-K4S641632H-TL70 Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
More results

Similar Description - K4S641632H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S560432E-UC SAMSUNG-K4S560432E-UC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H511638D SAMSUNG-K4H511638D Datasheet
366Kb / 24P
   512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H1G0438M-UC SAMSUNG-K4H1G0438M-UC Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H280438F-UC SAMSUNG-K4H280438F-UC Datasheet
298Kb / 23P
   128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-UC SAMSUNG-K4H560438E-UC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-VC SAMSUNG-K4H560438E-VC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 54 sTSOP-II with Pb-Free (RoHS compliant)
M470L3324DU0 SAMSUNG-M470L3324DU0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
K4S643232H SAMSUNG-K4S643232H Datasheet
118Kb / 12P
   64Mb H-die (x32) SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com