Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S641632H Datasheet(PDF) 12 Page - Samsung semiconductor

Part # K4S641632H
Description  64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S641632H Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button K4S641632H Datasheet HTML 6Page - Samsung semiconductor K4S641632H Datasheet HTML 7Page - Samsung semiconductor K4S641632H Datasheet HTML 8Page - Samsung semiconductor K4S641632H Datasheet HTML 9Page - Samsung semiconductor K4S641632H Datasheet HTML 10Page - Samsung semiconductor K4S641632H Datasheet HTML 11Page - Samsung semiconductor K4S641632H Datasheet HTML 12Page - Samsung semiconductor K4S641632H Datasheet HTML 13Page - Samsung semiconductor K4S641632H Datasheet HTML 14Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SDRAM 64Mb H-die (x4, x8, x16)
CMOS SDRAM
Rev. 1.3 August 2004
IOH Characteristics (Pull-up)
Voltage
133MHz
Min
133MHz
Max
(V)
I (mA)
I (mA)
3.45
-
-1.68
3.30
-
-19.11
3.00
-0.35
-51.87
2.70
-3.75
-90.44
2.50
-6.65
-107.31
1.95
-13.75
-137.9
1.80
-17.75
-158.34
1.65
-20.55
-173.6
1.50
-23.55
-188.79
1.40
-26.2
-199.01
1.00
-36.25
-241.15
0.20
-46.5
-351.68
IBIS SPECIFICATION
IOL Characteristics (Pull-down)
Voltage
133MHz
Min
133MHz
Max
(V)
I (mA)
I (mA)
3.45
43.92
155.82
3.30
-
-
3.00
43.36
153.72
1.95
41.20
148.40
1.80
40.56
146.02
1.65
39.60
141.75
1.50
38.40
136.08
1.40
37.28
131.39
1.00
30.08
105.84
0.85
26.64
93.66
0.65
21.52
75.25
0.40
14.16
49.14
0
-100
-200
-300
-400
-500
-600
03
0.5
1
1.5
2
2.5
3.5
Voltage
250
200
150
100
50
0
03
0.5
1
1.5
2
2.5
3.5
Voltage
133MHz Pull-up
133MHz Pull-down
IOH Min (133MHz)
IOH Max (133MHz)
IOL Min (133MHz)
IOL Max (133MHz)


Similar Part No. - K4S641632H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S641632H-TC60 SAMSUNG-K4S641632H-TC60 Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S641632H-TC70 SAMSUNG-K4S641632H-TC70 Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S641632H-TC75 SAMSUNG-K4S641632H-TC75 Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S641632H-TL60 SAMSUNG-K4S641632H-TL60 Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S641632H-TL70 SAMSUNG-K4S641632H-TL70 Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
More results

Similar Description - K4S641632H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S560432E-UC SAMSUNG-K4S560432E-UC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H511638D SAMSUNG-K4H511638D Datasheet
366Kb / 24P
   512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H1G0438M-UC SAMSUNG-K4H1G0438M-UC Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H280438F-UC SAMSUNG-K4H280438F-UC Datasheet
298Kb / 23P
   128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-UC SAMSUNG-K4H560438E-UC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-VC SAMSUNG-K4H560438E-VC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 54 sTSOP-II with Pb-Free (RoHS compliant)
M470L3324DU0 SAMSUNG-M470L3324DU0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
K4S643232H SAMSUNG-K4S643232H Datasheet
118Kb / 12P
   64Mb H-die (x32) SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com